Electronic Components Datasheet Search
  English  ▼

X  

TDA7495SA Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7495SA_07 Datasheet HTML 1Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 2Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 3Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 4Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 5Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 6Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 7Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 8Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2007
Rev 2
1/15
15
TDA7495SA
11 W + 11 W amplifier with DC volume control
Features
! 11 W + 11 W output power with
RL = 8 Ω, THD = 10%, VCC = 28 V
! Stand-by and mute functions
! Low turn-on and turn-off “pop” noise
! Linear volume control DC coupled to power
operational amplifier
! No boucherot cell
! No RC input network for stand-by
! Single supply up to 35 V
! Short-circuit protection
! Thermal overload protection
! Internally fixed gain
! Soft clipping
! Variable output after volume control circuit
! Clipwatt15 package, RoHS
Description
The TDA7495SA is a stereo 11 W + 11 W
class AB power amplifier specially designed for
high-quality sound and TV applications. Its
features include linear volume control, stand-by
and mute functions. The TDA7495SA is delivered
in the Clipwatt15 package
Multipower BI50II technology
Clipwatt15
VOLUME
OP AMP
+
-
MUTE/STBY
PROTECTIONS
1
470nF
INR
30K
VOLUME
OP AMP
+
-
30K
1000
µF
1000
µF
1
µF
10K
5
470nF
INL
8
S_GND
2
14
9
10
12
34
300K
100nF
VOLUME
VAROUT_L
OUTR
STBY
MUTE
OUTL
11
PW_GND
470
µF
SVR
7
D96AU440D
VS
VAROUT_R
PW_GND
15
13
+5V
S1 ST-BY
+5V
S2 MUTE
+5V
S_GND
60K
Table 1.
Device summary
Order code
Package
Packaging
TDA7495SA
Clipwatt15
Tube
www.st.com


Similar Part No. - TDA7495SA_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
More results

Similar Description - TDA7495SA_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1013B PHILIPS-TDA1013B Datasheet
111Kb / 11P
4 W audio power amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
2W2W AMPLIFIER W/ DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com