Electronic Components Datasheet Search
  English  ▼

X  

TDA7495SA Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7495SA_07 Datasheet HTML 1Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 2Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 3Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 4Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 5Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 6Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 7Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 8Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical specifications
TDA7495SA
4/15
RL_VarOut
Load resistance which can
be connected to pins
VAROUT_L, VAROUT_R
2k
Ω
Gv
Closed-loop gain
VOLUME >4.5 V
28.5
30
31.5
dB
Gvline
Volume control output at
max gain
VOLUME > 4.5 V,
RL_VarOut >30kΩ
-1.5
0
1.5
dB
AMin_VOL
Attenuation at minimum
volume setting
VOLUME < 0.5 V
80
dB
BW
0.6
MHz
eN
Total output noise
f = 20 Hz to 22 kHz PLAY,
max volume
500
800
µV
f = 20 Hz to 22 kHz PLAY,
max attenuation
100
250
µV
f = 20 Hz to 22 kHz MUTE
60
150
µV
SR
Slew rate
5
8
V/µs
SVR
Supply voltage rejection
f = 1 kHz; max volume
CSVR = 470 µF; VRIP = 1 V RMS
35
39
dB
f = 1 kHz; max attenuation
CSVR = 470 µF; VRIP = 1 V RMS
55
65
dB
TM
Thermal muting
150
° C
TS
Thermal shut-down
160
° C
Mute, stand-by and input selection functions
VSTBY
Stand-by threshold
2.3
2.5
2.7
V
VMUTE
Mute threshold
2.3
2.5
2.7
V
IqSTBY
Quiescent current
in stand-by
0.6
1
mA
AMUTE
Mute attenuation
50
65
dB
ISTBYbias Bias current for pin STBY
In stand-by mode,
VSTBY = 5 V, VMUTE = 5 V
80
µA
In play or mute mode
-20
-5
µA
IMUTEbias Bias current for pin MUTE
In mute mode
1
5
µA
In play mode
0.2
2
µA
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com