Electronic Components Datasheet Search
  English  ▼

X  

STP38N06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP38N06
Description  N - CHANNEL ENHANCEMENT MODE U"LTRA HIGH DENSITY” POWER MOS TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP38N06 Datasheet(HTML) 1 Page - STMicroelectronics

  STP38N06 Datasheet HTML 1Page - STMicroelectronics STP38N06 Datasheet HTML 2Page - STMicroelectronics STP38N06 Datasheet HTML 3Page - STMicroelectronics STP38N06 Datasheet HTML 4Page - STMicroelectronics STP38N06 Datasheet HTML 5Page - STMicroelectronics STP38N06 Datasheet HTML 6Page - STMicroelectronics STP38N06 Datasheet HTML 7Page - STMicroelectronics STP38N06 Datasheet HTML 8Page - STMicroelectronics STP38N06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
STP38N06
N - CHANNEL ENHANCEMENT MODE
”ULTRA HIGH DENSITY” POWER MOS TRANSISTOR
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.026
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
HIGH CURRENT CAPABILITY
s
175
oC OPERATING TEMPERATURE
s
HIGH dV/dt RUGGEDNESS
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
POWER MOTOR CONTROL
s
DC-DC & DC-AC CONVERTERS
s
SYNCRONOUS RECTIFICATION
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VDS
Drain-source Voltage (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)60
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC38
A
ID
Drain Current (continuous) at Tc =100
oC26
A
IDM(
•)
Drain Current (pulsed)
152
A
Ptot
Total Dissipation at Tc =25
oC90
W
Derat ing Factor
0.6
W/
oC
dV/dt (1 )
Peak Diode Recovery volt age slope
7
V/ ns
Tstg
St orage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
ST P38N06
60 V
< 0.03
Ω
38 A (*)
March 1996
1
2
3
TO-220
1/11


Similar Part No. - STP38N06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP38N65M5 STMICROELECTRONICS-STP38N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
05-Mar-2013
logo
Inchange Semiconductor ...
STP38N65M5 ISC-STP38N65M5 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP38N06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD20N06 STMICROELECTRONICS-STD20N06 Datasheet
174Kb / 10P
N - CHANNEL ENHANCEMENT MODE U"LTRA HIGH DENSITY” POWER MOS TRANSISTOR
Mar-1995
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May-1993
STP40N03L-20 STMICROELECTRONICS-STP40N03L-20 Datasheet
65Kb / 7P
N - CHANNEL ENHANCEMENT MODE U"LTRA HIGH DENSITY” POWER MOS TRANSISTOR
Mar-1996
STP80N03L-06 STMICROELECTRONICS-STP80N03L-06 Datasheet
77Kb / 5P
N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
Mar-1996
STP80N05-09 STMICROELECTRONICS-STP80N05-09 Datasheet
114Kb / 9P
N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
Mar-1997
STP80N06-10 STMICROELECTRONICS-STP80N06-10 Datasheet
77Kb / 5P
N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
Mar-1996
STW80N06-10 STMICROELECTRONICS-STW80N06-10 Datasheet
57Kb / 5P
N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
Oct-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com