Electronic Components Datasheet Search
  English  ▼

X  

PM6675S Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 2Page - STMicroelectronics PM6675S Datasheet HTML 3Page - STMicroelectronics PM6675S Datasheet HTML 4Page - STMicroelectronics PM6675S Datasheet HTML 5Page - STMicroelectronics PM6675S Datasheet HTML 6Page - STMicroelectronics PM6675S Datasheet HTML 7Page - STMicroelectronics PM6675S Datasheet HTML 8Page - STMicroelectronics PM6675S Datasheet HTML 9Page - STMicroelectronics PM6675S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Pin settings
PM6675S
6/53
2.2
Pin description
Table 2.
Pin functions
N°
Pin
Function
1LGND
LDO power ground. Connect to the negative terminal of VTT output
capacitor.
2LFB
LDO remote sensing. Connect as close as possible to the load via a low
noise PCB trace.
3NOSKIP
Pulse-Skip/No-Audible Pulse-Skip Modes selector.
See Section 7.1.4: Mode-of-operation selection on page 30
4LPG
LDO section power-good signal (open drain output). High when LDO output
voltage is within ±10 % of nominal value.
5SGND
Ground reference for analog circuitry, control logic and VTTREF buffer.
Connect together with the thermal pad and VTTGND to a low impedance
ground plane. See the Application Note for details.
6AVCC
+5 V supply for internal logic. Connect to +5 V rail through a simple RC
filtering network.
7VREF
High accuracy output voltage reference (1.237 V) for multilevel pins setting.
It can deliver up to 50
µA. Connect a 100 nF capacitor between VREF and
SGND in order to enhance noise rejection.
8VOSC
Frequency selection. Connect to the central tap of a resistor divider to set
the desired switching frequency. The pin cannot be left floating. See
Section 7: Device description on page 19 for details.
9
VSNS
Switching section output remote sensing and discharge path during output
soft-end. Connect as close as possible to the load via a low noise PCB
trace.
10
VSEL
Fixed output selector and feedback input for the switching controller.
If VSEL pin voltage is higher than 4 V, the fixed 1.5 V output is selected. If
VSEL pin voltage is lower than 4 V, it is used as negative input of the error
amplifier. See Section 7.1.4: Mode-of-operation selection on page 30 for
details.
11
COMP
DC voltage error compensation input pin for the switching section. Refer to
Section 7.1.4: Mode-of-operation selection on page 30 for more details.
12
LILIM
Current limit selector for the LDO. Connect to SGND for ±1 A current limit or
to +5 V for ±2 A current limit.
13
SWEN
Switching controller enable. When tied to ground, the switching output is
turned off and a soft-end is performed.
14
LEN
Linear regulator enable. When tied to ground, the LDO output is turned off
and a soft-end is performed.
15
SPG
Switching section power good signal (open drain output). High when the
switching regulator output voltage is within ±10 % of nominal value.
16
PGND
Power ground for the switching section.
17
LGATE
Low-side gate driver output.
18
VCC
+5 V low-side gate driver supply. Bypass with a 100 nF capacitor to PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com