Electronic Components Datasheet Search
  English  ▼

X  

PM6675S Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 18Page - STMicroelectronics PM6675S Datasheet HTML 19Page - STMicroelectronics PM6675S Datasheet HTML 20Page - STMicroelectronics PM6675S Datasheet HTML 21Page - STMicroelectronics PM6675S Datasheet HTML 22Page - STMicroelectronics PM6675S Datasheet HTML 23Page - STMicroelectronics PM6675S Datasheet HTML 24Page - STMicroelectronics PM6675S Datasheet HTML 25Page - STMicroelectronics PM6675S Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Device description
PM6675S
22/53
Figure 33.
Switching frequency selection and VOSC pin
The voltage seen at this pin must be greater than 0.8 V and lower than 2 V in order to
ensure the system linearity.
7.1.1
Constant-On-Time architecture
Figure 34
shows the simplified block diagram of the Constant-On-Time controller.
The switching regulator of the PM6675S controls a one-shot generator that turns on the
high-side MOSFET when the following conditions are simultaneously satisfied: the PWM
comparator is high (i.e. output voltage is lower than Vr = 0.6 V), the synchronous rectifier
current is below the current limit threshold and the minimum off-time has expired.
A minimum Off-Time contraint (300ns typ.) is introduced to assure the boot capacitor charge
and allow inductor valley current sensing on low-side MOSFET. A minimum On-Time is also
introduced to assure the start-up switching sequence.
Once the On-Time has timed out, the high side switch is turned off, while the synchronous
rectifier is ignited according to the anti-cross conduction management circuitry.
When the output voltage reaches the valley limit (determined by internal reference
Vr = 0.6 V), the low-side MOSFET is turned off according to the anti-cross conduction logic
once again, and a new cycle begins.
PM6675
VOSC
R1
R2
VIN
PM6675
VOSC
R1
R2
VIN
PM6675S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com