Electronic Components Datasheet Search
  English  ▼

X  

PM6675S Datasheet(PDF) 4 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 4 Page - STMicroelectronics

  PM6675S Datasheet HTML 1Page - STMicroelectronics PM6675S Datasheet HTML 2Page - STMicroelectronics PM6675S Datasheet HTML 3Page - STMicroelectronics PM6675S Datasheet HTML 4Page - STMicroelectronics PM6675S Datasheet HTML 5Page - STMicroelectronics PM6675S Datasheet HTML 6Page - STMicroelectronics PM6675S Datasheet HTML 7Page - STMicroelectronics PM6675S Datasheet HTML 8Page - STMicroelectronics PM6675S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Typical application circuit
PM6675S
4/53
1
Typical application circuit
Figure 1.
Application circuit
VLDO
VSMPS
+5V
R
LP
VLDOIN
HGATE
PHASE
LGATE
CSNS
PGND
VSNS
VSEL
LIN
LPG
LOUT
LFB
LGND
B
O
O
T
VBATT
L
R
1
C
IN
C
INT
C
IN4
C
OUT
C
BYP
C
OUT2
C
IN2
C
IN3
1
2
24
4
23
10
9
16
19
17
20
21
312
6
18
8
22
515
14
13
7
11
R
2
C
BOOT
R
LIM
LDO PG
SMPS PG
PM6675
PM6675S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com