Electronic Components Datasheet Search
  English  ▼

X  

SM6T Datasheet(PDF) 6 Page - STMicroelectronics

Part # SM6T
Description  TransilTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T Datasheet(HTML) 6 Page - STMicroelectronics

  SM6T Datasheet HTML 1Page - STMicroelectronics SM6T Datasheet HTML 2Page - STMicroelectronics SM6T Datasheet HTML 3Page - STMicroelectronics SM6T Datasheet HTML 4Page - STMicroelectronics SM6T Datasheet HTML 5Page - STMicroelectronics SM6T Datasheet HTML 6Page - STMicroelectronics SM6T Datasheet HTML 7Page - STMicroelectronics SM6T Datasheet HTML 8Page - STMicroelectronics SM6T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Order information scheme
SM6T
6/9
2
Order information scheme
Figure 10.
Order information scheme
3
Packaging information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
SM
6T
100
CAY
Surface Mount
Peak Pulse Power
Breakdown Voltage
Types
6T = 600 W Transil
100 = 100 V
CA = Bidirectional
A = Unidirectional
Y = Automotive grade
Table 5.
SMB package dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com