Electronic Components Datasheet Search
  English  ▼

X  

SM6T Datasheet(PDF) 2 Page - STMicroelectronics

Part # SM6T
Description  TransilTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T Datasheet(HTML) 2 Page - STMicroelectronics

  SM6T Datasheet HTML 1Page - STMicroelectronics SM6T Datasheet HTML 2Page - STMicroelectronics SM6T Datasheet HTML 3Page - STMicroelectronics SM6T Datasheet HTML 4Page - STMicroelectronics SM6T Datasheet HTML 5Page - STMicroelectronics SM6T Datasheet HTML 6Page - STMicroelectronics SM6T Datasheet HTML 7Page - STMicroelectronics SM6T Datasheet HTML 8Page - STMicroelectronics SM6T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
SM6T
2/9
1
Characteristics
Figure 1.
Pulse definition for electrical characterisitcs
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Tj initial = Tamb
600
W
P
Power dissipation on infinite heatsink
Tamb = 50 °C
5
°C
IFSM
Non repetitive surge peak forward
current for unidirectional types
tp = 10 ms
Tj initial = Tamb
100
°C
Tstg
Tj
Storage temperature range
Operating junction temperature range
-65 to 175
-55 to 150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
20
°C/W
Rth(j-a)
Junction to ambient on printed circuit on recommended
pad layout
100
°C/W
Table 3.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Repetitive pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
tr
tp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com