Electronic Components Datasheet Search
  English  ▼

X  

SM6T Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM6T
Description  TransilTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T Datasheet(HTML) 1 Page - STMicroelectronics

  SM6T Datasheet HTML 1Page - STMicroelectronics SM6T Datasheet HTML 2Page - STMicroelectronics SM6T Datasheet HTML 3Page - STMicroelectronics SM6T Datasheet HTML 4Page - STMicroelectronics SM6T Datasheet HTML 5Page - STMicroelectronics SM6T Datasheet HTML 6Page - STMicroelectronics SM6T Datasheet HTML 7Page - STMicroelectronics SM6T Datasheet HTML 8Page - STMicroelectronics SM6T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2008
Rev 6
1/9
9
SM6T
Transil™
Features
■ Peak Pulse Power: 600 W (10/1000 µs)
■ Breakdown voltage range:
From 6.8 V to 220 V
■ Uni and Bidirectional types
■ Low clamping factor
■ Fast response time
■ UL recognized
Description
The SM6T Transil series has been designed to
protect sensitive equipment against electrostatic
discharges according to IEC 61000-4-2, MIL STD
883E Method 3015, and electrical over stress
such as IEC 61000-4-4 and 5. They are, more
generally, suitable for surges below 600 W,
10/1000 µs
This planar technology makes the SM6T
compatible with high-end equipment and SMPS
where low leakage current and high junction
temperature are required to provide reliability and
stability over time.
Automotive grade versions are available (see
Section 4: Ordering information).
TM: Transil is a trademark of STMicroelectronics
K
A
SMB
(JEDEC DO-214AA)
Unidirectional
Bidirectional
www.st.com


Similar Part No. - SM6T

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SM6T GE-SM6T Datasheet
55Kb / 3P
TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T VISHAY-SM6T Datasheet
36Kb / 3P
Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
SM6T VISHAY-SM6T Datasheet
108Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
06-Jun-14
SM6T VISHAY-SM6T Datasheet
120Kb / 5P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
19-Apr-2021
logo
SUNMATE electronic Co.,...
SM6T10 SUNMATE-SM6T10 Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
TRANSILTM
Aug-1999
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
TRANSILTM
Jan-1998
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
TRANSILTM
Sep-2001
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
TRANSILTM
Aug-2001
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
TRANSILTM
Sep-1998
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
TRANSILTM
Sep-1998
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
TRANSILTM
Jan-1998
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
TRANSILTM
Oct-2001
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
TRANSILTM
Feb-2003
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
TransilTM
19-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com