Electronic Components Datasheet Search
  English  ▼

X  

OR4E02 Datasheet(PDF) 49 Page - Lattice Semiconductor

Part # OR4E02
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E02 Datasheet(HTML) 49 Page - Lattice Semiconductor

Back Button OR4E02 Datasheet HTML 45Page - Lattice Semiconductor OR4E02 Datasheet HTML 46Page - Lattice Semiconductor OR4E02 Datasheet HTML 47Page - Lattice Semiconductor OR4E02 Datasheet HTML 48Page - Lattice Semiconductor OR4E02 Datasheet HTML 49Page - Lattice Semiconductor OR4E02 Datasheet HTML 50Page - Lattice Semiconductor OR4E02 Datasheet HTML 51Page - Lattice Semiconductor OR4E02 Datasheet HTML 52Page - Lattice Semiconductor OR4E02 Datasheet HTML 53Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
Lattice Semiconductor
49
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Microprocessor Interface (MPI)
The Series 4 FPGAs have a dedicated synchronous
MPI function block. The MPI is programmable to oper-
ate with PowerPC/PowerQUICC MPC860/MPC8260
series microprocessors. The MPI implements an 8-,
16-, or 32-bit interface with 1-bit, 2-bit, or 4-bit parity to
the host processor (PowerPC) that can be used for
configuration and readback of the FPGA as well as for
user-defined data processing and general monitoring
of FPGA functions. In addition to dedicated-function
registers, the MPI bridges to the AMBA embedded sys-
tem bus through which the PowerPC bus master can
access the FPGA configuration logic, EBR and other
user logic. There is also capability to interrupt the host
processor either by a hard interrupt or by having the
host processor poll the MPI and the embedded system
bus.
The control portion of the MPI is available following
powerup of the FPGA if the mode pins specify MPI
mode, even if the FPGA is not yet configured. The
width of the data port is selectable among 8-, 16-, or
32-bit and the parity bus can be 1-, 2-, or 4-bit. In con-
figuration mode the data and parity bus width are
related to the state of the M[0:3] mode pins. For post-
configuration use, the MPI must be included in the con-
figuration bit stream by using an MPI library element in
your design from the ORCA macro library, or by setting
the bit of the MPI configuration control register prior to
the start of configuration. The user can also enable and
disable the parity bus through the configuration bit
stream. These pads can be used as general I/O when
they are not needed for MPI use.
Table 22 shows the interface signals that are used to
interface Series 4 devices to a PowerPC MPC860/
MPC8260 device. More information is available in the
Series 4 MPI and System Bus application note.
The ORCA FPGA is a memory-mapped peripheral to
the PowerPC processor. The MPI interfaces to the
user-programmable FPGA logic using the AMBA
embedded system bus.The MPI has access to a series
of addressable registers made accessible by the AMBA
system bus that provide MPI control and status, config-
uration and readback data transfer, FPGA device iden-
tification, and a dedicated user scratchpad register. All
registers are 8 bits wide. The address map for these
registers and the user-logic address space utilize the
same registers as the AMBA embedded system bus.
Embedded System Bus (ESB)
Implemented using the open standard, on-chip AMBA-
AHB 2.0 specification bus, the Series 4 devices con-
nects all the FPGA elements together with a standard-
ized bus framework. The ESB facilitates
communication among MPI, configuration, EBRs, and
user logic in all the generic FPGA devices. AHB serves
the need for high-performance system-on-chip 
(SoC) as well as aligning with current synthesis design
flows. Multiple bus masters optimizes system perfor-
mance by sharing resources between different bus
masters such as the MPI and configuration logic. The
wide data bus configuration of 32-bits with 4-bit parity
supports the high-bandwidth of data-intensive applica-
tions of using the wide on-chip memory. AMBA
enhances a reusable design methodology by defining a
common backbone for IP modules.
The ESB is a synchronous bus that is driven by either
the MPI clock, internal oscillator, CCLK (slave configu-
ration modes), TCK (JTAG configuration modes), or by
a user clock from routing. In FPSCs, a clock from the
embedded block can also drive the MPI clock. During
initial configuration and reconfiguration the bus clock is
defaulted to the configuration clock. The post configu-
ration clock source is set during configuration. The user
has the ability to program several slaves through the
user logic interface. Embedded block RAM also inter-
faces seamlessly to the system bus.
A single bus arbiter controls the traffic on the bus by
ensuring only one master has access to the bus at any
time. The arbiter monitors a number of different
requests to use the bus and decides which request is
currently the highest priority. The configuration modes
have the highest priority and overrides all normal user
modes. Priority can be programmed between MPI and
user logic at configuration in generic FPGAs. If no pri-
ority is set a round-robin approach is used by granting
the next requesting master in a rotating fixed order.
Several interfaces exist between the ESB and other
FPGA elements. The MPI interface acts as a bridge
between the external microprocessor bus and ESB.
The MPI may work in an independent clock domain
from the ESB if the ESB clock is not sourced from the
external microprocessor clock. Pipelined operation
allows high-speed memory interface to the EBR and
peripheral access without the requirement for addi-
tional cycles on the bus. Burst transfers allow optimal
use of the memory interface by giving advance infor-
mation of the nature of the transfers.
Table 23 is a listing of the ESB register file and brief
descriptions. Table 24 shows the system interrupt reg-
isters and Table 25 and Table 26 show the FPGA status
and command registers, all with brief descriptions.
More information is available in the Series 4 MPI and
System Bus application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com