Electronic Components Datasheet Search
  English  ▼

X  

OR4E02 Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # OR4E02
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E02 Datasheet(HTML) 1 Page - Lattice Semiconductor

  OR4E02 Datasheet HTML 1Page - Lattice Semiconductor OR4E02 Datasheet HTML 2Page - Lattice Semiconductor OR4E02 Datasheet HTML 3Page - Lattice Semiconductor OR4E02 Datasheet HTML 4Page - Lattice Semiconductor OR4E02 Datasheet HTML 5Page - Lattice Semiconductor OR4E02 Datasheet HTML 6Page - Lattice Semiconductor OR4E02 Datasheet HTML 7Page - Lattice Semiconductor OR4E02 Datasheet HTML 8Page - Lattice Semiconductor OR4E02 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
Data Sheet
May, 2006
ORCA® Series 4 FPGAs
www.latticesemi.com
1
or4e_05
© 2005 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All
other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to
change without notice.
Introduction
Built on the Series 4 reconfigurable embedded sys-
tem-on-a-chip (SoC) architecture, Lattice introduces
its new family of generic Field-Programmable Gate
Arrays (FPGAs). The high-performance and highly
versatile architecture brings a new dimension to
bringing network system designs to market in less
time than ever before. This new device family offers
many new features and architectural enhancements
not available in any earlier FPGA generations. Bring-
ing together highly flexible SRAM-based programma-
ble logic, powerful system features, a rich hierarchy
of routing and interconnect resources, and meeting
multiple interface standards, the Series 4 FPGA
accommodates the most complex and high-perfor-
mance intellectual property (IP) network designs.
Programmable Features
■
High-performance platform design:
— 0.16 μm 7-level metal technology.
— Internal performance of >250 MHz.
— I/O performance of >420 MHz.
— Meets multiple I/O interface standards.
— 1.5 V operation (30% less power than 1.8 V
operation) translates to greater performance.
■
Traditional I/O selections:
— LVTTL (3.3V) and LVCMOS (2.5 V and 1.8 V)
I/Os.
— Per pin-selectable I/O clamping diodes provide
3.3 V PCI compliance.
— Individually programmable drive capability:
24 mA sink/12 mA source, 12 mA sink/6 mA
source, or 6 mA sink/3 mA source.
— Two slew rates supported (fast and slew-lim-
ited).
— Fast-capture input latch and input flip-flop
(FF)/latch for reduced input setup time and zero
hold time.
— Fast open-drain drive capability.
— Capability to register 3-state enable signal.
— Off-chip clock drive capability.
— Two-input function generator in output path.
■
New programmable high-speed I/O:
— Single-ended: GTL, GTL+, PECL, SSTL3/2
(class I and II), HSTL (Class I, III, and IV), ZBT,
and DDR.
— Double-ended: LDVS, bused-LVDS, and
LVPECL. Programmable (on/off) internal parallel
termination (100 Ω) also supported for these
I/Os.
Table 1. ORCA Series 4—Available FPGA Logic
* The embedded system bus and MPI are not included in the above gate counts. The System Gate ranges are derived from the following:
minimum system gates assumes 100% of the PFUs are used for logic only (no PFU RAM) with 40% EBR usage and 2 PLLs. Maximum
system gates assumes 80% of the PFUs are for logic, 20% are used for PFU RAM, with 80% EBR usage and 6 PLLs.
Note: Devices are not pinout compatible with ORCA Series 2/3.
Device
Rows
Columns
PFUs
User I/O
LUTs
EBR
Blocks
EBR Bits
(K)
Usable*
Gates (K)
OR4E02
26
24
624
405
4,992
8
74
201—397
OR4E04
36
36
1,296
466
10,368
12
111
333—643
OR4E06
46
44
2,024
466
16,192
16
148
471—899


Similar Part No. - OR4E02

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR4E10 AGERE-OR4E10 Datasheet
3Mb / 124P
Field-Programmable Gate Arrays
December 2000
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
Field-Programmable Gate Arrays
December 2000
OR4E4 AGERE-OR4E4 Datasheet
3Mb / 124P
Field-Programmable Gate Arrays
December 2000
OR4E6 AGERE-OR4E6 Datasheet
3Mb / 124P
Field-Programmable Gate Arrays
December 2000
More results

Similar Description - OR4E02

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
eX Family FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
HiRel FPGAs
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com