Electronic Components Datasheet Search
  English  ▼

X  

OR4E02 Datasheet(PDF) 30 Page - Lattice Semiconductor

Part # OR4E02
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E02 Datasheet(HTML) 30 Page - Lattice Semiconductor

Back Button OR4E02 Datasheet HTML 26Page - Lattice Semiconductor OR4E02 Datasheet HTML 27Page - Lattice Semiconductor OR4E02 Datasheet HTML 28Page - Lattice Semiconductor OR4E02 Datasheet HTML 29Page - Lattice Semiconductor OR4E02 Datasheet HTML 30Page - Lattice Semiconductor OR4E02 Datasheet HTML 31Page - Lattice Semiconductor OR4E02 Datasheet HTML 32Page - Lattice Semiconductor OR4E02 Datasheet HTML 33Page - Lattice Semiconductor OR4E02 Datasheet HTML 34Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
30
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Embedded Block RAM (continued)
Table 10. Constant Multiplier Signals
Table 11. 8x8 Multiplier Signals
Table 12. CAM Signals
Port Signals
I/O
Function
AR0[15:0]
I
Data input–operand.
AW(1:0)[8:0]
I
Address bits.
D(1:0)[17:0]
I
Data inputs to load memory or change coefficient.
CKW[0:1]
I
Positive-edge write port clock.
CKR[0:1]
I
Positive-edge read port clock. Used for synchronous multiply mode.
CSW[1:0]
I
Active-high write enable.
CSR[1:0]
I
Active-high read enable.
Q[23:0]
O
Data outputs–product result.
Port Signals
I/O
Function
AR0[7:0]
I
Data input-Multiplicand.
AR1[7:0]
I
Data input-Multiplier.
CKR[0:1]
I
Positive-edge read port clock. Used for synchronous multiply mode.
CSR[1:0]
I
Active-high read enable.
Q[15:0]
O
Data outputs-product.
Port Signals
I/O
Function
AR(1:0)[7:0]
I
Data Match.
AW(1:0)[8:0]
I
Data Write.
D(1:0)[17]
I
Clear data active high.
D(1:0)[16]
I
Single match active high.
D(1:0)[3:0]
I
CAM address for data write.
CSW[1:0]
I
Active-high write enable. Enable for CAM data write.
CSR[1:0]
I
Active-high read enable. Enable for CAM data match.
Q(1:0)15:0]
O
Decoded Data outputs. “1” corresponds to a data match at that address location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com