Electronic Components Datasheet Search
  English  ▼

X  

LFSC Datasheet(PDF) 51 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 51 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 47Page - Lattice Semiconductor LFSC Datasheet HTML 48Page - Lattice Semiconductor LFSC Datasheet HTML 49Page - Lattice Semiconductor LFSC Datasheet HTML 50Page - Lattice Semiconductor LFSC Datasheet HTML 51Page - Lattice Semiconductor LFSC Datasheet HTML 52Page - Lattice Semiconductor LFSC Datasheet HTML 53Page - Lattice Semiconductor LFSC Datasheet HTML 54Page - Lattice Semiconductor LFSC Datasheet HTML 55Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 237 page
background image
3-7
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Mini-LVDS
Over Recommended Operating Conditions
RSDS
Over Recommended Operating Conditions
Parameter Symbol
Description
Min.
Typ.
Max.
Units
ZO
Single-ended PCB trace impedance
30
50
75
ohms
RT
Differential termination resistance
60
100
150
ohms
VOD
Output voltage, differential, |VOP - VOM|
300
—
600
mV
VOS
Output voltage, common mode, |VOP + VOM|/2
1
1.2
1.4
V
ΔVOD
Change in VOD, between H and L
—
—
50
mV
ΔVID
Change in VOS, between H and L
—
—
50
mV
VTHD
Input voltage, differential, |VINP - VINM|
200
—
600
mV
VCM
Input voltage, common mode, |VINP + VINM|/2 0.3+(VTHD/2)
—
2.1-(VTHD/2)
TR, TF
Output rise and fall times, 20% to 80%
—
—
500
ps
TODUTY
Output clock duty cycle
45
—
55
%
TIDUTY
Input clock duty cycle
40
—
60
%
Note: Data is for 6mA differential current drive. Other differential driver current options are available.
Parameter Symbol
Description
Min.
Typ.
Max.
Units
VOD
Output voltage, differential, RT = 100 ohms
100
200
600
mV
VOS
Output voltage, common mode
0.5
1.2
1.5
V
IRSDS
Differential driver output current
1
2
6
mA
VTHD
Input voltage differential
100
—
—
mV
VCM
Input common mode voltage
0.3
—
1.5
V
TR, TF
Output rise and fall times, 20% to 80%
—
500
—
ps
TODUTY
Output clock duty cycle
45
50
55
%
Note: Data is for 2mA drive. Other differential driver current options are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com