Electronic Components Datasheet Search
  English  ▼

X  

LFSC Datasheet(PDF) 30 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 30 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 26Page - Lattice Semiconductor LFSC Datasheet HTML 27Page - Lattice Semiconductor LFSC Datasheet HTML 28Page - Lattice Semiconductor LFSC Datasheet HTML 29Page - Lattice Semiconductor LFSC Datasheet HTML 30Page - Lattice Semiconductor LFSC Datasheet HTML 31Page - Lattice Semiconductor LFSC Datasheet HTML 32Page - Lattice Semiconductor LFSC Datasheet HTML 33Page - Lattice Semiconductor LFSC Datasheet HTML 34Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 237 page
background image
2-26
Architecture
Lattice Semiconductor
LatticeSC/M Family Data Sheet
3.
Bottom Side (Banks 4 and 5)
These buffers can support LVCMOS standards up to 3.3V, including PCI33, PCI-X33 and SSTL-33. Differential
receivers are provided on all PIO pairs but true HLVDS, RSDS, and HYPT differential drivers are not available.
Adaptive input logic is available on PIOs A or C.
Table 2-8 lists the standards supported by each side.
Table 2-8. I/O Standards Supported by Different Banks
Supported Standards
The LatticeSC PURESPEED I/O buffer supports both single-ended and differential standards. Single-ended stan-
dards can be further subdivided into LVCMOS, LVTTL and other standards. The buffers support the LVTTL, LVC-
MOS 12, 15, 18, 25 and 33 standards. In the LVCMOS and LVTTL modes, the buffer has individually configurable
options for drive strength, termination resistance, bus maintenance (weak pull-up, weak pull-down, or a bus-keeper
latch) and open drain. Other single-ended standards supported include SSTL, HSTL, GTL (input only), GTL+ (input
only), PCI33, PCIX33, PCIX15, AGP-1X33 and AGP-2X33. Differential standards supported include LVDS, RSDS,
BLVDS, MLVDS, LVPECL, HyperTransport, differential SSTL and differential HSTL. Tables 12 and 13 show the I/O
standards (together with their supply and reference voltages) supported by the LatticeSC devices. The tables also
provide the available internal termination schemes. For further information on utilizing the PURESPEED I/O buffer
to support a variety of standards please see details of additional technical documentation at the end of this data
sheet.
Description
Top Side
Banks 1
Right Side
Banks 2-3
Bottom Side
Banks 4-5
Left Side
Banks 6-7
I/O Buffer Type
Single-ended,
Differential Receiver
Single-ended, Differen-
tial Receiver and Driver
Single-ended,
Differential Receiver
Single-ended, Differen-
tial Receiver and Driver
Output Standards
Supported
LVTTL
LVCMOS33
LVCMOS25
LVCMOS18
LVCMOS15
LVCMOS12
SSTL18_I, II
SSTL25_ I, II
SSTL33_ I, II
HSTL15_I, II, III
1, IV1
HSTL18_I, II,III
1, IV1
SSTL18D_I, II
SSTL25D_I, II
SSTL33D_I, II
HSTL15D_I, II
HSTL18D_I, II
PCI33
PCIX15
PCIX33
AGP1X33
AGP2X33
MLVDS/BLVDS
GTL
2, GTL+2
LVCMOS25
LVCMOS18
LVCMOS15
LVCMOS12
SSTL18_I, II
SSTL25_ I, II
HSTL15_I,III
HSTL18_I,II,III
PCIX15
SSTL18D_I, II
SSTL25D_I, II
HSTL15D_I, II
HSTL18D_I, II
LVDS/RSDS/HYPT
Mini-LVDS
MLVDS/BLVDS
GTL
2, GTL+2
LVTTL
LVCMOS33
LVCMOS25
LVCMOS18
LVCMOS15
LVCMOS12
SSTL18_I, II
SSTL25_ I, II
SSTL33_ I, II
HSTL15_I, II, III
1, IV1
HSTL18_I, II,III
1, IV1
SSTL18D_I, II
SSTL25D_I, II
SSTL33D_I, II
HSTL15D_I, II
HSTL18D_I, II
PCI33
PCIX15
PCIX33
AGP1X33
AGP2X33
MLVDS/BLVDS
GTL
2, GTL+2
LVCMOS25
LVCMOS18
LVCMOS15
LVCMOS12
SSTL18_I, II
SSTL25_ I, II
HSTL15_I,III
HSTL18_I,II,III
PCIX15
SSTL18D_I, II
SSTL25D_I, II
HSTL15D_I, II
HSTL18D_I, II
LVDS/RSDS/HYPT
Mini-LVDS
MLVDS/BLVDS
GTL
2, GTL+2
Input Standards
Supported
Single-ended,
Differential
Single-ended,
Differential
Single-ended,
Differential
Single-ended,
Differential
Clock Inputs
Single-ended,
Differential
Single-ended,
Differential
Single-ended,
Differential
Single-ended,
Differential
Differential Output
Support via Emulation
LVDS/MLVDS/BLVDS/
LVPECL
MLVDS/BLVDS/
LVPECL
LVDS/MLVDS/BLVDS/
LVPECL
MLVDS/BLVDS/
LVPECL
AIL Support
No
Yes
Yes
Yes
1. Input only.
2. Input only. Outputs supported by bussing multiple outputs together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com