Electronic Components Datasheet Search
  English  ▼

X  

LFSC Datasheet(PDF) 55 Page - Lattice Semiconductor

Part # LFSC
Description  LatticeSC/M Family Data Sheet
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFSC Datasheet(HTML) 55 Page - Lattice Semiconductor

Back Button LFSC Datasheet HTML 51Page - Lattice Semiconductor LFSC Datasheet HTML 52Page - Lattice Semiconductor LFSC Datasheet HTML 53Page - Lattice Semiconductor LFSC Datasheet HTML 54Page - Lattice Semiconductor LFSC Datasheet HTML 55Page - Lattice Semiconductor LFSC Datasheet HTML 56Page - Lattice Semiconductor LFSC Datasheet HTML 57Page - Lattice Semiconductor LFSC Datasheet HTML 58Page - Lattice Semiconductor LFSC Datasheet HTML 59Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 237 page
background image
3-11
DC and Switching Characteristics
Lattice Semiconductor
LatticeSC/M Family Data Sheet
Typical Building Block Function Performance
Over Recommended Commercial Operating Conditions at VCC = 1.2V +/- 5%
Pin to Pin Performance (LVCMOS25 12 mA Drive)
Register-to-Register Performance
Function
-7*
Units
Basic Functions
32-bit Decoder
6.65
ns
Combinatorial (Pin to LUT to Pin)
5.58
ns
Embedded Memory Functions (Single Port RAM)
Pin to EBR Input Register Setup (Global Clock)
1.66
ns
EBR Output Clock to Pin (Global Clock)
8.54
ns
Distributed (PFU) RAM (Single Port RAM)
Pin to PFU RAM Register Setup (Global Clock)
1.32
ns
PFU RAM Clock to Pin (Global Clock)
6.83
ns
*Typical performance per function
Function
-7*
Units
Basic Functions
32-Bit Decoder
539
MHz
64-Bit Decoder
517
MHz
16:1 MUX
1003
MHz
32:1 MUX
798
MHz
16-Bit Adder
672
MHz
64-Bit Adder
353
MHz
16-Bit Counter
719
MHz
64-Bit Counter
369
MHz
32x8 SP RAM (PFU, Output Registered)
768
MHz
128x8 SP RAM (PFU, Output Registered)
545
MHz
Embedded Memory Functions
Single Port RAM (512x36 Bits)
372
MHz
True Dual Port RAM 1024x18 Bits (No EBR Out Reg)
326
MHz
True dual port RAM 1024x18 Bits (EBR Reg)
372
MHz
FIFO port (A: x36 bits, B: x9 Bits, No EBR Out Reg)
353
MHz
FIFO port (A: x36 bits, B: x9 Bits, EBR Reg)
375
MHz
True DP RAM Width Cascading (1024x72)
372
MHz
DSP Functions
9x9 1-stage Multiplier
209
MHz
18x18 1-Stage Multiplier
155
MHz
9x9 3-Stage Pipelined Multiplier
373
MHz
18x18 4-Stage Pipelined Multiplier
314
MHz
9x9 Constant Multiplier
372
MHz
*Typical performance per function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com