Electronic Components Datasheet Search
  English  ▼

X  

TDA8174A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8174A
Description  VERTICAL DEFLECTION CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8174A Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8174A Datasheet HTML 1Page - STMicroelectronics TDA8174A Datasheet HTML 2Page - STMicroelectronics TDA8174A Datasheet HTML 3Page - STMicroelectronics TDA8174A Datasheet HTML 4Page - STMicroelectronics TDA8174A Datasheet HTML 5Page - STMicroelectronics TDA8174A Datasheet HTML 6Page - STMicroelectronics TDA8174A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TDA8174A
2/7
Figure 2. Block Diagram
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Symbol
Parameter
Value
Unit
VS
Supply Voltage
35
V
V1, V2
Flyback Peak Voltage
65
V
V3
Trigger Input Voltage
20
V
V9
Amplifier Input Voltage
GND, VS
V
I0
Output Peak-to-peak Current (non repetitive t = 2ms)
6
A
I0
Output Peak-to-peak Current t > 10µs
4
A
I11
Pin 11 DC Current at V1 < V10
100
mA
I11
Pin 11 Peak-to-peak Current @ tfly < 1.5ms
3
A
Ptot
Total Power Dissipation @ Ttab = 60°C
30
W
Tstg
Storage Temperature
- 40, +150
°C
Tj
Junction Temperature
0, +150
°C
Tamb
Ambient Temperature
0, +70
°C
Symbol
Parameter
Value
Unit
Rth (j-tab)
Thermal Resistance Junction-tab
Max.
3
°C/W
Rth(j-a)
Thermal Resistance Junction-ambient
Max.
40
°C/W
RAMP
GENERATOR
VOLTAGE
REGULATOR
FLYBACK
GENERATOR
THERMAL
PROTECTION
2
3
6
8
10
BUFFER
STAGE
11
CLOCK
PULSE
POWER
AMP.
R3
1
7
9
4
TRIG-IN
TDA8174A
5
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com