Electronic Components Datasheet Search
  English  ▼

X  

TDA8174A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8174A
Description  VERTICAL DEFLECTION CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8174A Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8174A Datasheet HTML 1Page - STMicroelectronics TDA8174A Datasheet HTML 2Page - STMicroelectronics TDA8174A Datasheet HTML 3Page - STMicroelectronics TDA8174A Datasheet HTML 4Page - STMicroelectronics TDA8174A Datasheet HTML 5Page - STMicroelectronics TDA8174A Datasheet HTML 6Page - STMicroelectronics TDA8174A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TDA8174A
4/7
Figure 3. Application Circuit
RAMP
GENERATOR
VOLTAGE
REGULATOR
FLYBACK
GENERATOR
THERMAL
PROTECTION
2
3
6
8
10
BUFFER
STAGE
11
CLOCK
PULSE
POWER
AMP.
R3
1
7
9
4
TRIG-INP
47nF
180k
W
220k
W
0.1
m F470m F
1N4001
VS
100
m F
35V
2.2
W
0.22
m F
330
W
Rb
1.2k
W
1k
W
22
m F
1500
m F
1.2
W
2.4k
W
YOKE
Ry = 9.6
W
Ly = 24.6mH
Iy = 1.2App
TDA8174A
5
10
m F
Ra
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com