Electronic Components Datasheet Search
  English  ▼

X  

TDA8174A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8174A
Description  VERTICAL DEFLECTION CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8174A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8174A Datasheet HTML 1Page - STMicroelectronics TDA8174A Datasheet HTML 2Page - STMicroelectronics TDA8174A Datasheet HTML 3Page - STMicroelectronics TDA8174A Datasheet HTML 4Page - STMicroelectronics TDA8174A Datasheet HTML 5Page - STMicroelectronics TDA8174A Datasheet HTML 6Page - STMicroelectronics TDA8174A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TDA8174A
3/7
DC ELECTRICAL CHARACTERISTICS (VS = 35V ; Tamb = 25
oC unless otherwise specified)
Notes:
1. The trigger input circuit can accept, with a metal option, positive and negative going input pulses.
2.
where: TS is the vertical period and VPP is ramp amplitude at Pin7.
AC ELECTRICAL CHARACTERISTICS (VS = 24V ; Tamb = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I2
Pin 2 Quiescent Current
I1 = 0, I11 = 0
16
36
mA
I10
Pin 10 Quiescent Current
I1 = 0, I11 = 0
15
30
mA
-I7
Ramp Generator Bias Current
V7 = 0
0.5
µA
-I7
Ramp Generator Current
V7 = 0, -I4 = 20µA
18.5
20
21.5
µA
dI7/I7
Ramp Generator Linearity
V6 = 0 to 15V, -I4 = 20µA
0.2
1
%
V1
Quiescent Output Voltage
Ra = 30kΩ, Rb = 10kΩ, Vs = 35V
17.0
17.8
18.6
V
Ra = 6.8kΩ, Rb = 10kΩ, Vs = 15V
7.2
7.5
7.8
V
V1L
Out Saturation Voltage to GND
I1 = 0.5A
0.5
1
V
I1 = 1.2A
1
1.4
V
V1H
Out Saturation Voltage to Vs
-I1 = 0.5A
1.1
1.6
V
-I1 = 1.2A
1.6
2.2
V
V4
Reference Voltage
-I4 = 20µA
6.3
6.6
6.9
V
dV4/Vs
Reference Voltage Drift Versus Vs
Vs = 10V to 35V
1
2
mV/V
dV4/dI4
Reference Voltage Drift Versus I4
I4 = 10µA to 30µA
1.5
2
mV/µA
V5
Internal Reference Voltage
4.25
4.45
4.65
V
VD11-10
Diode Fwd Voltage
ID = 1.2A
2.2
3
V
VD1-2
Diode Fwd Voltage
ID = 1.2A
2.2
3
V
GV
Output Stage Open Loop Gain
f = 100Hz
60
dB
Vfs
V10-11 Saturation Voltage
-I11 = 1.2A
1.5
2.5
V
V11
Pin 11 Scanning Voltage
I11 = 20mA
1.7
3
V
V3
Trigger Input Threshold
(see note 1)
2.6
3.0
3.4
V
I3
Trigger Input Bias Current
VIN = V3- 0.2V
30
µA
t3
Trigger Input Width
(see note 2)
20
60
Th
µS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Operating Supply Voltage Range
10
30
V
I1
Peak-to-peak Operating Current Range
0.4
A
Is
Supply Current
Iy = 2.4App
315
mA
V1
Flyback Voltage
Iy = 2.4App
51
V
V8
Sawtooth Pedestall Voltage
1.85
V
Tjs
Junction Temp. for Thermal Shutdown
145
°C
Th
1.2 T
S
⋅
V
PP
-------------------
=
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com