Electronic Components Datasheet Search
  English  ▼

X  

AOZ1300AI Datasheet(PDF) 11 Page - Alpha & Omega Semiconductors

Part # AOZ1300AI
Description  Programmable 4A Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1300AI Datasheet(HTML) 11 Page - Alpha & Omega Semiconductors

Back Button AOZ1300AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 12Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AOZ1300
Rev. 1.
3 August 2008
www.aosmd.com
Page 11 of 12
Tape and Reel Dimensions, SO-8L
SO-8 Carrier Tape
SO-8 Reel
SO-8 Tape
Leader/Trailer
& Orientation
Tape Size
12mm
Reel Size
ø330
M
ø330.00
±0.50
Package
SO-8
(12mm)
A0
6.40
±0.10
B0
5.20
±0.10
K0
2.10
±0.10
D0
1.60
±0.10
D1
1.50
±0.10
E
12.00
±0.10
E1
1.75
±0.10
E2
5.50
±0.10
P0
8.00
±0.10
P1
4.00
±0.10
P2
2.00
±0.10
T
0.25
±0.10
N
ø97.00
±0.10
K0
Unit: mm
B0
G
M
W1
S
K
H
N
W
V
R
Trailer Tape
300mm min. or
75 empty pockets
Components Tape
Orientation in Pocket
Leader Tape
500mm min. or
125 empty pockets
A0
P1
P2
See Note 5
See Note 3
See Note 3
Feeding Direction
P0
E2
E1
E
D0
T
D1
W
13.00
±0.30
W1
17.40
±1.00
H
ø13.00
+0.50/-0.20
K
10.60
S
2.00
±0.50
G
—
R
—
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com