Electronic Components Datasheet Search
  English  ▼

X  

AOZ1300AI Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ1300AI
Description  Programmable 4A Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1300AI Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ1300AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AOZ1300
Rev. 1.
3 August 2008
www.aosmd.com
Page 5 of 12
Time (1ms/div.)
Time (200µs/div.)
Time (4ms/div.)
Time (4ms/div.)
Output Slew Rate Control
Time (4ms/div.)
Latched Output
Time (20ms/div.)
UVLO Response
Short Circuit Response
Turn-On
Turn-Off
EN
5V/div
VOUT
2V/div
I OUT
1A/div
EN
5V/div
VOUT
2V/div
I OUT
1A/div
EN
5V/div
FLT
5V/div
VOUT
2V/div
I OUT
1A/div
VOUT
5V/div
FLT
5V/div
I OUT
1A/div
EN
5V/div
FLT
5V/div
VOUT
5V/div
I OUT
5A/div
VOUT
5V/div
VIN
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com