Electronic Components Datasheet Search
  English  ▼

X  

AOZ1300AI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ1300AI
Description  Programmable 4A Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1300AI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ1300AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1300AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AOZ1300
Rev. 1.
3 August 2008
www.aosmd.com
Page 4 of 12
Typical Performance Characteristics
Supply Current vs. Temperature
100
150
200
250
300
350
400
450
500
-40
-20
0
20
40
60
80
100
Temperature (°C)
5.5V
3.6V
2.5V
Enable Input Threshold (Falling) vs. Temperature
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
-40
-20
0
20
40
60
80
100
Temperature (°C)
5.5V
3.6V
2.5V
Enable Input Threshold (Rising) vs. Temperature
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
-40
-20
0
20
40
60
80
100
Temperature (C)
5.5V
3.6V
2.5V
Output Leakage Current vs. Temperature
0
10
20
30
40
50
60
-40
-20
0
20
40
60
80
100
Temperature (C)
2.5V, 3.6V, 5.5V
UVLO Threshold vs. Temperature
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
-40
-20
0
20
40
60
80
100
Temperature (°C)
UVLO+
UVLO-
On Resistenace vs. Temperature
20
25
30
35
40
45
50
55
60
65
-40
-20
0
20
40
60
80
100
Temperature (°C)
2.5V
3.6V
5.5V
Fault Delay vs. Temperature
20
21
22
23
24
25
26
27
-40
-20
0
20
40
60
80
100
Temperature (°C)
3.6V
5.0V
5.5V
Turn-On Delay vs. Temperature
-40
-20
0
20
40
60
80
100
Temperature (°C)
2.5V
3.6V
5.5V
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com