Electronic Components Datasheet Search
  English  ▼

X  

EM78P142 Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78P142
Description  8-Bit Microprocessor with OTP ROM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P142 Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78P142 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
EM78P142
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 01.25.2008
• 43
(This specification is subject to change without further notice)
6.5.1.3
Controller Reset Block Diagram
WDT Timeout
Oscillator
D
Q
CLK
CLR
WDT
VDD
Setup time
Reset
CLK
/RESET
Power-on Reset
Voltage
Detector
ENWDTB
Figure 6-7 Controller Reset Block Diagram
6.5.2 The T and P Status under Status Register
A reset condition is initiated by one of the following events:
1. Power-on reset
2. /RESET pin input "low"
3. WDT time-out (if enabled)
The values of T and P as listed in the table below, are used to check how the processor
wakes up.
Reset Type
RST
T
P
Power-on
0
1
1
/RESET during Operating mode,
0
*
P
*
P
/RESET wake-up during Sleep mode
0
1
0
LVR during Operating mode,
0
*
P
*
P
LVR wake-up during Sleep mode
0
1
0
WDT during Operating mode
0
0
1
WDT wake-up during Sleep mode
0
0
0
Wake-up on pin change during Sleep mode
1
1
0
*
P: Previous status before reset
The following shows the events that may affect the status of T and P.
Event
RST
T
P
Power-on
0
1
1
WDTC instruction
*
P
1
1
WDT time-out
0
0
*
P
SLEP instruction
*
P
1
0
Wake-up on pin changed during Sleep mode
1
1
0
*P: Previous value before reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com