Electronic Components Datasheet Search
  English  ▼

X  

EM78P142 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78P142
Description  8-Bit Microprocessor with OTP ROM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P142 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P142 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
Contents
vi
•
Product Specification (V1.0) 01.25.2008
Specification Revision History
Doc. Version
Revision Description
Date
1.0
Initial released version
2008/01/25
Item
EM78P142
Level Voltage Reset
4.0V, 3.5V, 2.4V
Crystal mode
Operating frequency range at 0°C~ 70°C
DC ~ 16MHz, 4.5V
DC ~ 8MHz, 3.0V
DC ~ 4MHz, 2.1V
IRC mode wake-up time
( Sleep
→ Normal )
Condition: 5V, 4MHz
10
µs
Code Option
Added a Code Option NRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com