Electronic Components Datasheet Search
  English  ▼

X  

EM78P142 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P142
Description  8-Bit Microprocessor with OTP ROM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P142 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P142 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
EM78P142
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 01.25.2008
• 1
(This specification is subject to change without further notice)
1
General Description
The EM78P142 is an 8-bit microprocessor designed and developed with low-power and high-speed CMOS technology.
The series have an on-chip 2K
×13-bit Electrical One Time Programmable Read Only Memory (OTP-ROM). It provides a
protection bit to prevent intrusion of user’s OTP memory code. Three Code option bits are also available to meet user’s
requirements.
With enhanced OTP-ROM features, the EM78P142 provide a convenient way of developing and verifying user’s
programs. Moreover, this OTP device offers the advantages of easy and effective program updates, using development
and programming tools. User can avail of the ELAN Writer to easily program his development code.
2
Features
CPU configuration
•
2K
×13 bits on-chip ROM
•
80
×8 bits on-chip registers (SRAM)
•
8-level stacks for subroutine nesting
•
4 programmable Level Voltage Detector
(LVD) : 4.5V, 4.0V, 3.3V, 2.2V
•
3 programmable Level Voltage Reset
(LVR) : 4.0V, 3.5V, 2.4V
•
Less than 1.5 mA at 5V/4MHz
•
Typically 15
µA, at 3V/32kHz
•
Typically 2
µA, during sleep mode
I/O port configuration
•
3 bidirectional I/O ports: P5, P6, P7
•
8 I/O pins
•
Wake-up port : P5
•
5 programmable pull-down I/O pins
•
6 programmable pull-high I/O pins
•
1 programmable open-drain I/O pins
Operating voltage range:
•
2.1V~5.5V at 0
°C~70°C (commercial)
•
2.3V~5.5V at -40
°C~85°C (industrial)
Operating frequency range (base on 2 clocks):
•
Crystal mode: DC ~ 16MHz, 4.5V;
DC ~ 8MHz, 3V; DC ~ 4MHz, 2.1V
•
ERC mode: DC ~ 16MHz, 4.5V;
DC ~ 125ns inst. cycle, 4.5V
DC ~ 8MHz, 3V; DC ~ 250ns inst. cycle, 3V
•
IRC mode
Oscillation mode: 16MHz, 4MHz, 1MHz, 455kHz
Drift Rate
Internal RC
Frequency
Temperature
(-40
°C~85°C)
Voltage
(2.3V~5.5V)
Process Total
4 MHz
±5%
±5%
±4%
±14%
16 MHz
±5%
±5%
±4%
±14%
1 MHz
±5%
±5%
±4%
±14%
455kHz
±5%
±5%
±4%
±14%
All the four main frequencies can be trimmed by
programming with four calibrated bits in the ICE341N
Simulator. OTP is auto trimmed by ELAN Writer.
Fast set-up time requires only 0.8ms (VDD: 5V
Crystal: 4MHz, C1/C2: 30pF) in HXT2 mode and 10
µs
in IRC mode (VDD: 5V, IRC: 4 MHz)
Peripheral configuration
•
Easily implemented IR (infrared remote control)
•
8-bit real time clock (TCC) with overflow interrupt
•
8-bit real time clock (TCCA, TCCC) and 16-bit real
time clock (TCCB) with overflow interrupt
•
7-bit multi-channel Analog-to-Digital Converter with
12-bit resolution in Vref mode
Five available interrupts
•
TCC, TCCA, TCCB, TCCC overflow interrupt
•
Input-port status changed interrupt (wake up from
sleep mode)
•
ADC completion interrupt
•
IR/PWM period match completion
•
Low voltage detect (LVD) interrupt
Special Features:
•
Programmable free running Watchdog Timer
(4.5 ms : 18 ms)
•
Power saving Sleep mode
•
Selectable Oscillation mode
•
Power-on voltage detector available (1.7V
± 0.1V)
•
High EFT immunity (better performance at 4 MHz or
below)
Package Type:
•
10 pin SSOP 150mil
:
EM78P142SS10J/S
Note
: Green products do not contain hazardous .substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com