Electronic Components Datasheet Search
  English  ▼

X  

TSOP36233 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # TSOP36233
Description  IR Receiver Modules for Remote Control Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP36233 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button TSOP36233 Datasheet HTML 6Page - Vishay Siliconix TSOP36233 Datasheet HTML 7Page - Vishay Siliconix TSOP36233 Datasheet HTML 8Page - Vishay Siliconix TSOP36233 Datasheet HTML 9Page - Vishay Siliconix TSOP36233 Datasheet HTML 10Page - Vishay Siliconix TSOP36233 Datasheet HTML 11Page - Vishay Siliconix TSOP36233 Datasheet HTML 12Page - Vishay Siliconix TSOP36233 Datasheet HTML 13Page - Vishay Siliconix TSOP36233 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TSOP362..
Document Number 82187
Rev. 1.6, 23-Oct-06
Vishay Semiconductors
www.vishay.com
13
Recommended Method of Storage
Dry box storage is recommended as soon as the alu-
minium bag has been opened to prevent moisture
absorption. The following conditions should be
observed, if dry boxes are not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 72 hours under these conditions
moisture content will be too high for reflow soldering.
In case of moisture absorption, the devices will
recover to the former condition by drying under the
following condition:
192 hours at 40 °C + 5 °C/ - 0 °C and < 5 % RH
(dry air/nitrogen) or
96 hours at 60 °C + 5 °C and < 5 % RH for all device
containers or
24 hours at 125 °C + 5 °C not suitable for reel or
tubes.
An EIA JEDEC Standard JESD22-A112 Level 4 label
is included on all dry bags.
Example of JESD22-A112 Level 4 label
ESD Precaution
Proper storage and handling procedures should be
followed to prevent ESD damage to the devices espe-
cially when they are removed from the Antistatic
Shielding Bag. Electro-Static Sensitive Devices warn-
ing labels are on the packaging.
Vishay Semiconductors Standard
Bar-Code Labels
The Vishay Semiconductors standard bar-code labels
are printed at final packing areas. The labels are on
each packing unit and contain Vishay Telefunken
specific data.
16943
16962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com