Electronic Components Datasheet Search
  English  ▼

X  

TSOP36233 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP36233
Description  IR Receiver Modules for Remote Control Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP36233 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP36233 Datasheet HTML 1Page - Vishay Siliconix TSOP36233 Datasheet HTML 2Page - Vishay Siliconix TSOP36233 Datasheet HTML 3Page - Vishay Siliconix TSOP36233 Datasheet HTML 4Page - Vishay Siliconix TSOP36233 Datasheet HTML 5Page - Vishay Siliconix TSOP36233 Datasheet HTML 6Page - Vishay Siliconix TSOP36233 Datasheet HTML 7Page - Vishay Siliconix TSOP36233 Datasheet HTML 8Page - Vishay Siliconix TSOP36233 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number 82187
Rev. 1.6, 23-Oct-06
TSOP362..
Vishay Semiconductors
Figure 7. Sensitivity vs. Supply Voltage Disturbances
Figure 8. Sensitivity vs. Electric Field Disturbances
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
0.0
0.5
1.0
1.5
2.0
0.1
1.0
10.0
100.0
1000.0
VsRMS - AC Voltage on DC Supply Voltage (mV)
16912
f = fo
f = 10 kHz
f = 1 kHz
f = 100 Hz
0.0
0.4
0.8
1.2
1.6
0.0
0.4
0.8
1.2
2.0
E - Field Strength of Disturbance (kV/m)
2.0
94 8147
1.6
f(E) = f0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
020
40
60
80
100
120
Burst Length (number of cycles/burst)
16914
f = 38 kHz, Ee = 2 mW/m
2
Figure 10. Sensitivity vs. Ambient Temperature
Figure 11. Relative Spectral Sensitivity vs. Wavelength
Figure 12. Directivity
0.0
0.1
0.2
0.3
0.4
0.5
0.6
- 30 - 15
0
15
30
45
60
75
90
Tamb - Ambient Temperature (°C)
16918
Sensitivity in dark ambient
0.0
0.2
0.4
0.6
0.8
1.0
1.2
750
850
950
1050
1150
λ - Wavelength (nm)
16919
16801
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com