Electronic Components Datasheet Search
  English  ▼

X  

TSOP36233 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP36233
Description  IR Receiver Modules for Remote Control Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP36233 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP36233 Datasheet HTML 1Page - Vishay Siliconix TSOP36233 Datasheet HTML 2Page - Vishay Siliconix TSOP36233 Datasheet HTML 3Page - Vishay Siliconix TSOP36233 Datasheet HTML 4Page - Vishay Siliconix TSOP36233 Datasheet HTML 5Page - Vishay Siliconix TSOP36233 Datasheet HTML 6Page - Vishay Siliconix TSOP36233 Datasheet HTML 7Page - Vishay Siliconix TSOP36233 Datasheet HTML 8Page - Vishay Siliconix TSOP36233 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TSOP362..
Document Number 82187
Rev. 1.6, 23-Oct-06
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 1. Output Function
Figure 2. Pulse Length and Sensitivity in Dark Ambient
Figure 3. Output Function
E e
T
tpi *
t
* tpi
10/fo is recommended for optimal function
VO
VOH
VOL
t
16110
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, T = 10 ms)
Output Signal
td1)
tpo2)
1) 7/f0 < td < 15/f0
2)
tpi - 5/f 0 < tpo < tpi + 6/f0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10.0
100.0 1000.0 10000.0
Ee - Irradiance (mW/m²)
16908
Input Burst Duration
= 950 nm,
optical test signal, fig. 1
Output Pulse
E e
t
VO
VOH
VOL
t
600 µs
600 µs
T = 60 ms
Ton
Toff
94 8134
Optical Test Signal
Output Signal, (see fig. 4)
Figure 4. Output Pulse Diagram
Figure 5. Frequency Dependence of Responsivity
Figure 6. Sensitivity in Bright Ambient
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10.0
100.0 1000.0 10000.0
Ee - Irradiance (mW/m²)
16909
Toff
= 950 nm,
optical test signal, fig. 3
Ton
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f0 ± 5 %
f (3 dB) = f0/10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.01
0.10
1.00
10.00
100.00
E - Ambient DC Irradiance (W/m2)
16911
Correlation with ambient light sources:
10 W/m2
1.4 klx (Std.illum.A, T= 2855 K)
10 W/m2
8.2 klx (Daylight, T = 5900 K)
Ambient,
= 950 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com