Electronic Components Datasheet Search
  English  ▼

X  

THS7375IPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS7375IPWR Datasheet HTML 10Page - Texas Instruments THS7375IPWR Datasheet HTML 11Page - Texas Instruments THS7375IPWR Datasheet HTML 12Page - Texas Instruments THS7375IPWR Datasheet HTML 13Page - Texas Instruments THS7375IPWR Datasheet HTML 14Page - Texas Instruments THS7375IPWR Datasheet HTML 15Page - Texas Instruments THS7375IPWR Datasheet HTML 16Page - Texas Instruments THS7375IPWR Datasheet HTML 17Page - Texas Instruments THS7375IPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TYPICAL CHARACTERISTICS: VS+ = 5 V
20
10
0
10
20
30
40
50
60
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
V
=5V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
R =150 W
L
FilterMode
R =75 W
L
R =150 W
L
R =75 W
L
Bypass
Mode
15.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
100k
1M
10M
100M
Frequency(Hz)
V
=5V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
DC
FilterMode
AC
ACorDC
Bypass
Mode
45
0
45
90
135
180
225
270
315
360
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
V
=5V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
R =75 W
L
FilterMode
R =150 W
L
R =75 W and150 W
L
Bypass
Mode
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
100k
1M
10M
100M
1G
Frequency(Hz)
V
=5V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
R =75 W
L
R =150 W
L
BypassMode
130
120
110
100
90
80
70
60
50
100k
1M
10M
100M
Frequency(Hz)
V
=5V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
R =75 W and150 W
L
FilterMode
20
10
0
10
20
30
40
50
60
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
V
=5V
AC-CoupledOutput
Load=150
||10pF
W
S+
Filter
Mode
Bypass
Mode
V =0.2V
O
PP
V =1V
O
PP
V =2V
O
PP
V =2V
O
PP
V =0.2V
O
PP
THS7375
SBOS449 – SEPTEMBER 2008......................................................................................................................................................................................... www.ti.com
RL = 150 Ω to GND and dc-coupled input and output, unless otherwise noted.
SMALL-SIGNAL GAIN vs FREQUENCY
SMALL-SIGNAL GAIN vs FREQUENCY
Figure 27.
Figure 28.
PHASE vs FREQUENCY
GROUP DELAY vs FREQUENCY
Figure 29.
Figure 30.
GROUP DELAY vs FREQUENCY
LARGE-SIGNAL GAIN vs FREQUENCY
Figure 31.
Figure 32.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com