Electronic Components Datasheet Search
  English  ▼

X  

THS7375IPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS7375IPWR Datasheet HTML 18Page - Texas Instruments THS7375IPWR Datasheet HTML 19Page - Texas Instruments THS7375IPWR Datasheet HTML 20Page - Texas Instruments THS7375IPWR Datasheet HTML 21Page - Texas Instruments THS7375IPWR Datasheet HTML 22Page - Texas Instruments THS7375IPWR Datasheet HTML 23Page - Texas Instruments THS7375IPWR Datasheet HTML 24Page - Texas Instruments THS7375IPWR Datasheet HTML 25Page - Texas Instruments THS7375IPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
OUTPUT MODE OF OPERATION:
75 W
Y'/G'Out
CVBS/Sync
CVBS
+1.8V
R
DaVinci
DMxxxx
Y'/G'
R
P' /B'
B
R
P' /R'
R
R
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CH1OUT
CH2OUT
CH3OUT
CH4OUT
V
S+
BYPASS
NC
CH1IN
CH2IN
CH3IN
CH4IN
GND
DISABLE
NC
THS7375
ToGPIOController
orGND
75 W
75 W
P' /B'Out
B
75 W
75 W
P' /R'Out
R
75 W
75 W
75 W
+3Vto+5V
THS7375
SBOS449 – SEPTEMBER 2008......................................................................................................................................................................................... www.ti.com
This mode of operation is recommended for use with
that results in a slightly decreased high output voltage
chroma (C’), P’B, P’R, U’, V’, and non-sync R'G'B’
swing and an increase in power dissipation of the
signals. This method can also be used with signals
THS7375. While the THS7375 was designed to
with sync, if desired. The benefit of using the STC
operate with a junction temperature of up to +125°C,
function is that it maintains a constant back-porch
care must be taken to ensure that the junction
voltage as opposed to a back-porch voltage that
temperature does not exceed this level; otherwise,
fluctuates depending on the video content. Because
long-term
reliability
could
suffer.
Although
this
the corner frequency of the input is a very low 2.5 Hz,
configuration only adds less than 10 mW of power
the corner frequency of the input is also a very low
dissipation
per
channel,
the
overall
low-power
2.5 Hz, which is respectable performance relative to a
dissipation
of
the
THS7375
design
minimizes
STC configuration.
potential thermal issues even when using the TSSOP
package at high ambient temperatures.
Note that the THS7375 can drive the line with dc
DC-COUPLED
coupling regardless of the input mode of operation.
The only requirement is to make sure the video line
The THS7375 incorporates a rail-to-rail output stage
has
proper
termination
in
series
with
the
that can be used to drive the line directly without the
output—typically 75-
Ω. This termination helps isolate
need for large ac coupling capacitors, as shown in
capacitive loading effects from the THS7375 output.
Figure 50. This approach offers the best line tilt and
Failure to isolate capacitive loads may result in
field tilt (or droop) performance because no ac
instabilities with the output buffer, potentially causing
coupling occurs. Keep in mind that if the input is
ringing
or
oscillations
to
appear.
The
stray
ac-coupled, then the resulting tilt because of the input
capacitance appearing directly at the THS7375 output
ac coupling is seen on the output regardless of the
pins should be kept below 22-pF. The best way to
output coupling. The 80-mA output current drive
ensure this limit is maintained is to place the 75-
Ω
capability of the THS7375 was designed to drive two
series output resistor as close as possible to the
video lines simultaneously (essentially, a 75-
Ω load)
output pin. If an output capacitor is used, as
while maintaining as wide an output dynamic range
discussed in the next section, then it should be
as possible.
placed after the resistor.
One concern of dc coupling, however, arises if the
line is terminated to ground. If the ac-bias input
configuration is used, the output of the THS7375 has
a dc bias on the output. With two lines terminated to
ground, this configuration creates a dc current path
Figure 50. Typical SDTV System with DC-Coupled Line Driving
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com