Electronic Components Datasheet Search
  English  ▼

X  

THS7375IPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS7375IPWR Datasheet HTML 16Page - Texas Instruments THS7375IPWR Datasheet HTML 17Page - Texas Instruments THS7375IPWR Datasheet HTML 18Page - Texas Instruments THS7375IPWR Datasheet HTML 19Page - Texas Instruments THS7375IPWR Datasheet HTML 20Page - Texas Instruments THS7375IPWR Datasheet HTML 21Page - Texas Instruments THS7375IPWR Datasheet HTML 22Page - Texas Instruments THS7375IPWR Datasheet HTML 23Page - Texas Instruments THS7375IPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Level
Shift
Internal
Circuitry
+V
S
800kW
Input
Pin
Input
0.1 mF
Comparator
+V
S
STCLPF
THS7375
SBOS449 – SEPTEMBER 2008......................................................................................................................................................................................... www.ti.com
up to 3 mA of current to increase the input voltage
It should be noted that this STC system is dynamic
level on the THS7375 input side of the coupling
and does not rely upon timing in any way. It only
capacitor. As soon as the voltage goes above the 0-V
depends on the voltage that appears at the input pin
level, the loop stops sourcing current and becomes
at any given point in time. The STC filtering helps
very high impedance.
minimize
level
shift
problems
associated
with
switching noises or very short spikes on the signal
One of the concerns about the sync tip clamp level is
line. This feature helps ensure a very robust STC
how the clamp reacts to a sync edge that has
system.
overshoot—common in VCR signals or reflections
found in poor printed circuit board (PCB) layouts.
When the ac STC operation is used, there must also
Ideally, the STC should not react to the overshoot
be some finite amount of discharge bias current. As
voltage of the input signal. Otherwise, this issue could
previously described, if the input signal goes below
result in clipping on the remainder of the video signal
the 0-V clamp level, the internal loop of the THS7375
because it may raise the bias voltage too much.
sources current to increase the voltage appearing at
the input pin. As the difference between the signal
To help minimize this input signal overshoot problem,
level and the 0-V reference level increases, the
the control loop in the THS7375 has an internal
amount
of
source
current
increases
low-pass filter as shown in Figure 48. This filter
proportionally—supplying up to 3 mA of current.
reduces the response time of the STC circuit. This
Thus, the time period to re-establish the proper STC
delay is a function of how far the voltage is below
voltage can be very short. If the difference is very
ground, but in general it is close to an 800-ns delay.
small, then the source current is also very small to
This filter slows down the response of the control loop
account for minor voltage droop.
so as not to clamp on the input overshoot voltage, but
rather the flat portion of the sync signal.
However, if the input signal goes above the 0-V input
level, a problem arises. The problem is that the video
signal is always above this level and must not be
altered in any way. But if the sync level of the input
signal is above this 0-V level, then the internal
discharge (sink) current reduces the ac-coupled bias
signal to the proper 0-V level.
This discharge current must not be large enough to
alter the video signal appreciably or picture quality
issues may arise. This issue is often seen by looking
at the tilt (droop) of a constant luma signal being
applied and observing the resulting output level. The
associated change in luma level from the beginning
of the video line to the end of the video line is the
Figure 48. Equivalent AC Sync-Tip Clamp Input
amount of line tilt (droop).
Circuit
If the discharge current is very small, then the amount
of tilt is very low, which is a generally a good thing.
As a result of this delay, the sync may have an
However, the amount of time for the system to
apparent voltage shift. The amount of shift depends
capture the sync signal could be too long. This effect
on the amount of droop in the signal as dictated by
is also called hum rejection. Hum arises from the ac
the input capacitor and the STC current flow.
line voltage frequency of 50-Hz or 60-Hz. The value
Because the sync is primarily for timing purposes,
of the discharge current and the ac-coupling capacitor
with synchronization occurring on the edge of the
combine to dictate the hum rejection and the amount
sync signal, this shift is transparent in most systems.
of line tilt.
While this feature may not fully eliminate overshoot
To allow for both dc-coupling and ac-coupling in the
issues on the input signal in case of severe overshoot
same part, the THS7375 incorporates an 800-k
Ω
and/or ringing, the STC system should help minimize
resistor to ground. Although a true constant-current
improper clamping levels. As an additional method to
sink is preferred over a resistor, there are significant
help minimize this issue, an external capacitor (such
issues when the voltage is near ground. This
as 10 pF to 47 pF) to ground in parallel with the
condition can cause the current sink transistor to
external termination resistors can help filter overshoot
saturate and cause potential problems with the signal.
problems.
Also, this resistor is large enough to not impact a
dc-coupled DAC termination. For discharging an
ac-coupled source, Ohm’s Law is applied. If the video
signal is 1 V, then there is 1 V/800 k
Ω = 1.25
µA of
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com