Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVT
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720105DRVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS720105DRVT Datasheet HTML 2Page - Texas Instruments TPS720105DRVT Datasheet HTML 3Page - Texas Instruments TPS720105DRVT Datasheet HTML 4Page - Texas Instruments TPS720105DRVT Datasheet HTML 5Page - Texas Instruments TPS720105DRVT Datasheet HTML 6Page - Texas Instruments TPS720105DRVT Datasheet HTML 7Page - Texas Instruments TPS720105DRVT Datasheet HTML 8Page - Texas Instruments TPS720105DRVT Datasheet HTML 9Page - Texas Instruments TPS720105DRVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TYPICAL CHARACTERISTICS
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
+125 C
°
+105 C
°
+85 C
°
-10 C
°
+25 C
°
-40 C
°
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
+125 C
°
+105 C
°
+85 C
°
-
°
10 C
+25 C
°
-
°
40 C
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
2.5
3.0
3.5
4.0
5.0
5.5
4.5
V
(V)
BIAS
+125 C
°
+105 C
°
+85 C
°
-
°
10 C
+25 C
°
-
°
40 C
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
2.5
3.0
3.5
4.0
5.0
5.5
4.5
V
(V)
BIAS
+125 C
°
+105 C
°
+85 C
°
-10 C
°
+25 C
°
-40 C
°
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
0
1
2
3
4
5
6
7
8
9
10
I
(mA)
OUT
+125 C
°
+105 C
°
+85 C
°
-
°
10 C
+25 C
°
-
°
40 C
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
0
50
100
150
200
250
300
350
I
(mA)
OUT
+125 C
°
+105 C
°
+85 C
°
-
°
10 C
+25 C
°
-
°
40 C
TPS720xx
SBVS100C – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater);
VIN = VOUT + 0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
VIN LINE REGULATION
VIN LINE REGULATION
IOUT = 0mA (TPS72013YZU)
IOUT = 350mA (TPS72013YZU)
Figure 1.
Figure 2.
VBIAS LINE REGULATION
VBIAS LINE REGULATION
IOUT = 0mA (TPS72013YZU)
IOUT = 350mA (TPS72013YZU)
Figure 3.
Figure 4.
LOAD REGULATION UNDER LIGHT LOADS
LOAD REGULATION
(TPS72013YZU)
(TPS72013YZU)
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com