Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVT
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720105DRVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS720105DRVT Datasheet HTML 8Page - Texas Instruments TPS720105DRVT Datasheet HTML 9Page - Texas Instruments TPS720105DRVT Datasheet HTML 10Page - Texas Instruments TPS720105DRVT Datasheet HTML 11Page - Texas Instruments TPS720105DRVT Datasheet HTML 12Page - Texas Instruments TPS720105DRVT Datasheet HTML 13Page - Texas Instruments TPS720105DRVT Datasheet HTML 14Page - Texas Instruments TPS720105DRVT Datasheet HTML 15Page - Texas Instruments TPS720105DRVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SHUTDOWN
MINIMUM LOAD
DROPOUT VOLTAGE
OUTPUT REGULATION WITH IN PIN
TRANSIENT RESPONSE
UNDERVOLTAGE LOCK-OUT (UVLO)
Microcontroller
TPS720xx
TPS62xxx
VIN
EN
SW
FB
IN
OUT
BIAS
EN
GND
2.2mF
10mF
10mH
2.5Vto5.5V
Controltoturnon/offthedc/dc
Outputofdc/dcisfloatingwhen
theTPS62xxxENpinislow
GND
TPS720xx
SBVS100C – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
The enable pin (EN) is active high and is compatible
The TPS720xx is stable with no output load.
with standard and low voltage, TTL-CMOS levels.
Traditional LDOs suffer from low loop gain at very
When shutdown capability is not required, EN can be
light output loads. The TPS720xx
employs
an
connected to the IN pin.
innovative, low-current mode circuit under very light
or no-load conditions, resulting in improved output
voltage regulation performance down to zero output
current.
The TPS720xx uses a NMOS pass transistor to
achieve low dropout. When (VIN – VOUT) is less than
the dropout voltage (VDO), the NMOS pass device is
FLOATING
in
the
linear
region
of
operation
and
the
input-to-output resistance is the RDS(ON) of the NMOS
The TPS720xx supports a novel feature in which the
pass element. VDO approximately scales with output
output of the LDO regulates under light loads when
current because the NMOS device behaves as a
the IN pin is left floating. Under normal conditions,
resistor in dropout.
when the IN pin is connected to a power source, the
BIAS pin draws only tens of milliamperes. However,
As with any linear regulator, PSRR and transient
when the IN pin is floating, an innovative circuit is
response are degraded as (VIN – VOUT) approaches
used that allows a mximum current of 500
µA to be
dropout. This effect is shown in Figure 19 in the
drawn by the load through the BIAS pin, while
Typical Characteristics section.
maintaining the output in regulation. This feature is
particularly useful in power-saving applications where
a dc/dc converter connected to the IN pin is disabled,
but the LDO is required to regulate the output voltage
As with any regulator, increasing the size of the
to a light load.
output capacitor reduces over/undershoot magnitude
but increases duration of the transient response.
Figure 27 shows an application example where a
microcontroller is not turned off (to maintain the state
of the internal memory), but where the regulated
supply (shown as the TPS62xxx) is turned off to
The TPS720xx uses an undervoltage lock-out circuit
reduce power. In this case, the TPS720xx BIAS pin
on the BIAS pin to keep the output shut off until the
provides
sufficient
load
current
to
maintain
a
internal circuitry is operating properly. The UVLO
regulated voltage to the microcontroller.
circuit has a deglitch feature so that it typically
ignores undershoot transients on the input if they are
less than 50
µs duration.
Figure 27. Example of Floating IN Pin Regulation
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com