Electronic Components Datasheet Search
  English  ▼

X  

TPS720105DRVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105DRVT
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720105DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS720105DRVT Datasheet HTML 9Page - Texas Instruments TPS720105DRVT Datasheet HTML 10Page - Texas Instruments TPS720105DRVT Datasheet HTML 11Page - Texas Instruments TPS720105DRVT Datasheet HTML 12Page - Texas Instruments TPS720105DRVT Datasheet HTML 13Page - Texas Instruments TPS720105DRVT Datasheet HTML 14Page - Texas Instruments TPS720105DRVT Datasheet HTML 15Page - Texas Instruments TPS720105DRVT Datasheet HTML 16Page - Texas Instruments TPS720105DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
THERMAL INFORMATION
POWER DISSIPATION
PACKAGE MOUNTING
N TES:
O
1,362
1,302
1.All lineardimen
eters.
sionsareinmillim
2.This drawingissub
outnotice.
jecttochangewith
0,994
0,934
TPS720xx
www.ti.com ................................................................................................................................................ SBVS100C – JUNE 2008 – REVISED SEPTEMBER 2008
Thermal protection disables the output when the
The ability to remove heat from the die is different for
junction temperature rises to approximately +160°C,
each
package
type,
presenting
different
allowing the device to cool. When the junction
considerations in the printed circuit board (PCB)
temperature cools to approximately +140°C, the
layout. The PCB area around the device that is free
output circuitry is again enabled. Depending on power
of other components moves the heat from the device
dissipation,
thermal
resistance,
and
ambient
to the ambient air. Performance data for JEDEC low-
temperature, the thermal protection circuit may cycle
and high-K boards are given in the Dissipation
on and off. This cycling limits the dissipation of the
Ratings table. Using heavier copper increases the
regulator, protecting it from damage as a result of
effectiveness in removing heat from the device. The
overheating.
addition of plated through-holes to heat-dissipating
layers also improves the heatsink effectiveness.
Any tendency to activate the thermal protection circuit
indicates
excessive
power
dissipation
or
an
Power dissipation depends on input voltage and load
inadequate heatsink. For reliable operation, junction
conditions. Power dissipation (PD) is equal to the
temperature should be limited to +125°C maximum.
product of the output current times the voltage drop
To estimate the margin of safety in a complete design
across the output pass element (VIN to VOUT), as
(including
heatsink),
increase
the
ambient
shown in Equation 2:
temperature until the thermal protection is triggered;
PD = (VIN – VOUT) × IOUT
(2)
use worst-case loads and signal conditions. For good
reliability, thermal protection should trigger at least
+35°C
above
the
maximum
expected
ambient
condition
of
the
particular
application.
This
Solder
pad
footprint
recommendations
for
the
configuration
produces
a
worst-case
junction
TPS720xx are available from the Texas Instruments
temperature of +125°C at the highest expected
web site at www.ti.com.
ambient temperature and worst-case load.
The internal protection circuitry of the TPS720xx has
been designed to protect against overload conditions.
It was not intended to replace proper heatsinking.
Continuously running the TPS720xx into thermal
shutdown degrades device reliability.
Figure 28. YZU Wafer Chip-Scale Package Dimensions (in mm)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com