Electronic Components Datasheet Search
  English  ▼

X  

TUSB6015 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB6015
Description  USB 2.0 High Speed Peripheral Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6015 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB6015 Datasheet HTML 2Page - Texas Instruments TUSB6015 Datasheet HTML 3Page - Texas Instruments TUSB6015 Datasheet HTML 4Page - Texas Instruments TUSB6015 Datasheet HTML 5Page - Texas Instruments TUSB6015 Datasheet HTML 6Page - Texas Instruments TUSB6015 Datasheet HTML 7Page - Texas Instruments TUSB6015 Datasheet HTML 8Page - Texas Instruments TUSB6015 Datasheet HTML 9Page - Texas Instruments TUSB6015 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TUSB6015ZQE
SLLS937
REVISION 1.4 SEPTEMBER 12, 2008
Vbus - Electrical Characteristics for the Integrated USB 2.0 Transceiver,
T
A = -30°C - 85°C,VDD15 = 1.5v±10%, VDD18 = 1.8V ±10%,
V
DDA1P5 = 1.5 V ±10%,
V
DDA3P3 = 3.3 ±10%,VDDD1P5 = 1.5 V ±10%, VDDCM1P5 = 1.5 ±10%, VSS = 0 V (unless
otherwise noted)
†
PARAMETER
MIN
TYP
MAX
UNIT
Input Levels
Vbus Input Impedance
360
690
k
Ω
Vbus Valid Comparator
4.4
4.75
V
Vbus leakage current (when device is powered off)
11
uA
†Characterization only. Limits approved by design
.
6
WWW.TI.COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com