Electronic Components Datasheet Search
  English  ▼

X  

DSP56309 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # DSP56309
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56309 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP56309 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
DSP56309 Technical Data, Rev. 7
Freescale Semiconductor
iii
Features
Table 1 lists the features of the DSP56309 device.
Table 1. DSP56309 Features
Feature
Description
High-Performance
DSP56300 Core
• 100 million multiply-accumulates per second (MMACS) with a 100 MHz clock at 3.3 V nominal
• Data arithmetic logic unit (Data ALU) with fully pipelined 24
× 24-bit parallel multiplier-accumulator (MAC),
56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and parsing), conditional
ALU instructions, and 24-bit or 16-bit arithmetic support under software control
• Program control unit (PCU) with position-independent code (PIC) support, addressing modes optimized for
DSP applications (including immediate offsets), internal instruction cache controller, internal memory-
expandable hardware stack, nested hardware DO loops, and fast auto-return interrupts
• Direct memory access (DMA) with six DMA channels supporting internal and external accesses; one-, two-
and three-dimensional transfers (including circular buffering); end-of-block-transfer interrupts; and
triggering from interrupt lines and all peripherals
• Phase-lock loop (PLL) allows change of low-power divide factor (DF) without loss of lock and output clock
with skew elimination
• Hardware debugging support including On-Chip Emulation (OnCE‘) module, Joint Test Action Group
(JTAG) test access port (TAP)
Internal Peripherals
• Enhanced 8-bit parallel host interface (HI08) supports a variety of buses (for example, ISA) and provides
glueless connection to a number of industry-standard microcomputers, microprocessors, and DSPs
• Two enhanced synchronous serial interfaces (ESSI), each with one receiver and three transmitters (allows
six-channel home theater)
• Serial communications interface (SCI) with baud rate generator
• Triple timer module
• Up to thirty-four programmable general-purpose input/output (GPIO) pins, depending on which peripherals
are enabled
Internal Memories
•192
× 24-bit bootstrap ROM
•8 K
× 24-bit RAM total
• Program RAM, instruction cache, X data RAM, and Y data RAM sizes are programmable:
External Memory
Expansion
• Data memory expansion to two 256 K
× 24-bit word memory spaces using the standard external address
lines
• Program memory expansion to one 256 K
× 24-bit words memory space using the standard external
address lines
• External memory expansion port
• Chip select logic for glueless interface to static random access memory (SRAMs)
• Internal DRAM Controller for glueless interface to dynamic random access memory (DRAMs)
Power Dissipation
• Very low-power CMOS design
• Wait and Stop low-power standby modes
• Fully static design specified to operate down to 0 Hz (dc)
• Optimized power management circuitry (instruction-dependent, peripheral-dependent, and mode-
dependent)
Packaging
• 144-pin TQFP package in lead-free or lead-bearing versions
• 196-pin molded array plastic-ball grid array (MAP-BGA) package in lead-free or lead-bearing versions
Program RAM
Size
Instruction
Cache Size
X Data RAM
Size
Y Data RAM
Size
Instruction
Cache
Switch Mode
20480
× 24 bits
0
7168
× 24 bits
7168
× 24 bits
disabled
disabled
19456
× 24 bits
1024
× 24-bit
7168
× 24 bits
7168
× 24 bits
enabled
disabled
24576
× 24 bits
0
5120
× 24 bits
5120
× 24 bits
disabled
enabled
23552
× 24 bits
1024
× 24-bit
5120
× 24 bits
5120
× 24 bits
enabled
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com