Electronic Components Datasheet Search
  English  ▼

X  

DSP56309 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # DSP56309
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56309 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button DSP56309 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
Power
DSP56309 Technical Data, Rev. 7
Freescale Semiconductor
1-3
1.1 Power
1.2 Ground
Table 1-2.
Power Inputs
Power Name
Description
VCCP
PLL Power—VCC dedicated for PLL use. The voltage should be well-regulated and the input should be provided with
an extremely low impedance path to the VCC power rail.
VCCQL
Quiet Power (core)—An isolated power for the core processing logic. This input must be isolated externally from all
other chip power inputs.
VCCQH
Quiet External (High) Power—A quiet power source for I/O lines. This input must be tied externally to all other chip
power inputs
, except VCCQL.
VCCA
Address Bus Power—An isolated power for sections of the address bus I/O drivers. This input must be tied externally
to all other chip power inputs,
except VCCQL.
VCCD
Data Bus Power—An isolated power for sections of the data bus I/O drivers. This input must be tied externally to all
other chip power inputs,
except VCCQL.
VCCC
Bus Control Power—An isolated power for the bus control I/O drivers. This input must be tied externally to all other
chip power inputs,
except VCCQL.
VCCH
Host Power—An isolated power for the HI08 I/O drivers. This input must be tied externally to all other chip power
inputs,
except VCCQL.
VCCS
ESSI, SCI, and Timer Power—An isolated power for the ESSI, SCI, and timer I/O drivers. This input must be tied
externally to all other chip power inputs,
except VCCQL.
Note: The user must provide adequate external decoupling capacitors for all power connections.
Table 1-3.
Grounds1
Ground Name
Description
GNDP
PLL Ground—Ground-dedicated for PLL use. The connection should be provided with an extremely low-impedance
path to ground. VCCP should be bypassed to GNDP by a 0.47 µF capacitor located as close as possible to the chip
package.
GNDP1
PLL Ground 1—Ground-dedicated for PLL use. The connection should be provided with an extremely low-impedance
path to ground.
GNDQ
2
Quiet Ground—An isolated ground for the internal processing logic. This connection must be tied externally to all other
chip ground connections, except GNDP and GNDP1. The user must provide adequate external decoupling capacitors.
GNDA
2
Address Bus Ground—An isolated ground for sections of the address bus I/O drivers. This connection must be tied
externally to all other chip ground connections, except GNDP and GNDP1. The user must provide adequate external
decoupling capacitors.
GNDD
2
Data Bus Ground—An isolated ground for sections of the data bus I/O drivers. This connection must be tied externally
to all other chip ground connections, except GNDP and GNDP1. The user must provide adequate external decoupling
capacitors.
GNDC
2
Bus Control Ground—An isolated ground for the bus control I/O drivers. This connection must be tied externally to all
other chip ground connections, except GNDP and GNDP1. The user must provide adequate external decoupling
capacitors.
GNDH
2
Host Ground—An isolated ground for the HI08 I/O drivers. This connection must be tied externally to all other chip
ground connections, except GNDP and GNDP1. The user must provide adequate external decoupling capacitors.
GNDS
2
ESSI, SCI, and Timer Ground—An isolated ground for the ESSI, SCI, and timer I/O drivers. This connection must be
tied externally to all other chip ground connections, except GNDP and GNDP1. The user must provide adequate external
decoupling capacitors.
GND3
Ground—Connected to an internal device ground plane.
Notes:
1.
The user must provide adequate external decoupling capacitors for all GND connections.
2.
These connections are only used on the TQFP package.
3.
These connections are common grounds used on the MAP-BGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com