Electronic Components Datasheet Search
  English  ▼

X  

13201 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  13201 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MC13201 Technical Data, Rev. 1.3,
4
Freescale Semiconductor
3
Block Diagrams
Figure 1 shows a simplified block diagram of the MC13201 which is an 802.15.4 Standard compatible
transceiver that provides the functions required in the physical layer (PHY) specification.
Figure 1. 802.15.4 modem Simplified Block Diagram
Figure 2 shows the basic system block diagram for the MC13201 in an application. Interface with the
transceiver is accomplished through a 4-wire SPI port and interrupt request line. The media access control
(MAC), drivers, and network and application software (as required) reside on the host processor. The host
can vary from a simple 8-bit device up to a sophisticated 32-bit processor depending on application
requirements.
Figure 2. System Level Block Diagram
Phas e Shift M odulator
RST
GPIO 1
GPIO 2
GPIO 3
GPIO 4
XT A L2
XT A L1
RF IN _M
(PAO_M )
PAO _P
PAO _M
MOSI
MISO
SPIC LK
R XT XEN
CE
ATTN
GPIO 5
GPIO 6
GPIO 7
Rec eiv e
Pac k et R AM
T rans m it
Pac k et R AM 1
T rans m it R AM
Arbiter
Rec eiv e R AM
Arbiter
PA
VCO
Crys ta l
O s c illa to r
S y m bol
Generation
FC S
Generation
Header
G eneration
Sequenc e
M anager
(C ontrol Logic )
VDDL O 2
÷ 4
256 M Hz
2.45 GHz
LN A
1s t IF M ix er
IF = 65 M Hz
2nd IF M ix er
IF = 1 M Hz PM A
Dec im ation
F ilter
Matc hed
Filter
Bas eband
Mix er
DC D
CC A
Pac k et
Proc es sor
IR Q
Arbiter
24 Bit Ev ent T im er
IR Q
16 M Hz
AG C
Analog
R egulator
VBAT T
Digital
R egulator L
Digital
R egulator H
Pow er-U p
C ontrol
Logic
Cry s tal
Regulator
VC O
Regulator
VDDIN T
P rogrammable
Pres c aler
CLKO
4 Program m able
T imer C omparators
S y nthesizer
VDDD
VDDVC O
VDDA
VDDLO 1
T rans m it
Pac k et R AM 2
T / R
RF IN _P
(PAO _P)
CT_ B ia s
Analog Receiver
MC13201
Frequency
Generation
Analog
Transmitter
Voltage
Regulators
Power Up
Management
Control
Logic
Buffer RAM
SPI
and GPIO
Microcontroller
SPI
ROM
(Flash)
RAM
CPU
A/D
Application
Network
MAC
PHY Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com