Electronic Components Datasheet Search
  English  ▼

X  

13201 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
MC13201 Technical Data, Rev. 1.3,
Freescale Semiconductor
19
Since the MC13201 contains an on-chip reference frequency trim capability, it is possible to trim out
virtually all of the initial tolerance factors and put the frequency within 0.12 ppm on a board-by-board
basis. Individual trimming of each board in a production environment allows use of the lowest cost crystal,
but requires that each board go through a trimming procedure. This step can be avoided by
using/specifying a crystal with a tighter stability tolerance, but the crystal will be slightly higher in cost.
A tolerance analysis budget may be created using all the previously stated factors. It is an engineering
judgment whether the worst case tolerance will assume that all factors will vary in the same direction or if
the various factors can be statistically rationalized using RSS (Root-Sum-Square) analysis. The aging
factor is usually specified in ppm/year and the product designer can determine how many years are to be
assumed for the product lifetime. Taking all of the factors into account, the product designer can determine
the needed specifications for the crystal and external load capacitors to meet the 802.15.4 Standard.
Figure 11. MC13201 Modem Crystal Circuit
8.2
Crystal Requirements
The suggested crystal specification for the MC13201 is shown in Table 10. A number of the stated
parameters are related to desired package, desired temperature range and use of crystal capacitive load
trimming. For more design details and suggested crystals, see application note AN3251, Reference
Oscillator Crystal Requirements for MC1319x, MC1320x, and MC1321x.
Table 9. MC13201 Crystal Specifications1
1 User must be sure manufacturer specifications apply to the desired package.
Parameter
Value
Unit
Condition
Frequency
16.000000
MHz
Frequency tolerance (cut tolerance)2
2 A wider frequency tolerance may acceptable if application uses trimming at production final test.
± 10
ppm
at 25 °C
Frequency stability (temperature drift)3
± 15
ppm
Over desired temperature range
Aging4
± 2
ppm
max
Equivalent series resistance5
43
Ω
max
Load capacitance6
5 - 9
pF
Shunt capacitance
<2
pF
max
Mode of oscillation
fundamental
Y1
16MHz
C10
6.8pF
C11
6.8pF
Y1 = Daishinku KDS - DSX321G ZD00882
XTAL1
26
XTAL2
27
U6
MC1320x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com