Electronic Components Datasheet Search
  English  ▼

X  

13201 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
MC13201 Technical Data, Rev. 1.3,
Freescale Semiconductor
15
13
RXTXEN2
Digital Input
Active High. Low to high transition
initiates RX or TX sequence
depending on SPI setting. Should be
taken high after SPI programming to
start RX or TX sequence and should
be held high through the sequence.
After sequence is complete, return
RXTXEN to low. When held low,
forces Idle Mode.
See Footnote 2
14
ATTN2
Digital Input
Active Low Attention. Transitions IC
from either Hibernate or Doze Modes
to Idle.
See Footnote 2
15
CLKO
Digital Output
Clock output to host MCU.
Programmable frequencies of:
16 MHz, 8 MHz, 4 MHz, 2 MHz, 1
MHz, 62.5 kHz, 32.786+ kHz
(default),
and 16.393+ kHz.
16
SPICLK2
Digital Clock Input
External clock input for the SPI
interface.
See Footnote 2
17
MOSI2
Digital Input
Master Out/Slave In. Dedicated SPI
data input.
See Footnote 2
18
MISO3
Digital Output
Master In/Slave Out. Dedicated SPI
data output.
See Footnote 3
19
CE2
Digital Input
Active Low Chip Enable. Enables SPI
transfers.
See Footnote 2
20
IRQ
Digital Output
Active Low Interrupt Request.
Open drain device.
Programmable 40 kΩ internal pull-up.
Interrupt can be serviced every 6 µs with
<20 pF load.
Optional external pull-up must be >4 kΩ.
21
VDDD
Power Output
Digital regulated supply bypass.
Decouple to ground.
22
VDDINT
Power Input
Digital interface supply & digital
regulator input. Connect to Battery.
2.0 to 3.4 V. Decouple to ground.
23
GPIO51
Digital Input/Output
General Purpose Input/Output 5.
See Footnote 1
24
GPIO61
Digital Input/Output
General Purpose Input/Output 6.
See Footnote 1
25
GPIO71
Digital Input/Output
General Purpose Input/Output 7.
See Footnote 1
26
XTAL1
Input
Crystal Reference oscillator input.
Connect to 16 MHz crystal and load
capacitor.
Table 8. Pin Function Description (continued)
Pin #
Pin Name
Type
Description
Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com