Electronic Components Datasheet Search
  English  ▼

X  

33291 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33291
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 4.5 V ≤ VDD ≤ 5.5 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate value with VBAT = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Quasi-Functional (16)
Fully Operational
VPWR(QF)
VPWR(FO)
5.5
9.0
–
–
9.0
26.5
V
Supply Current (All Outputs ON, IOUT = 0.5 A)
VPWR(ON)
–
1.0
2.0
mA
Sleep State Supply Current at RST
≤ 0.2 VDD and/or VDD < 0.5 V
IPWR(ON)
–
1.0
2.5
μA
Sleep State Output Leakage Current (Per Output, RST = 0 V)
IPWR(SS)
–
1.0
2.5
μA
Overvoltage Shutdown
VOV
28
32
36
V
Overvoltage Shutdown Hysteresis (17)
VOV(HYS)
0.2
0.8
1.5
V
Logic Supply Voltage
VDD
4.5
–
5.5
V
Logic Supply Current (18)
RST
≥ 0.7 VDD
RST
≤ 0.5 V
IDD
–
–
1.0
–
4.0
25
mA
μA
Logic Supply Undervoltage Lockout Threshold (19)
VDD(UVLO)
2.5
–
3.5
V
POWER OUTPUT
Drain-to-Source ON Resistance (IOUT = 0.5 A, TJ - 25°C)
VPWR = 5.5 V
VPWR = 9.0 V
VPWR = 13 V
RDS(ON)
–
–
–
–
0.6
0.55
2.0
1.2
1.0
Ω
Drain-to-Source ON Resistance (IOUT = 0.5 A, TJ - 150°C)
VPWR = 5.5 V
VPWR = 9.0 V
VPWR = 13 V
RDS(ON)
–
–
–
–
1.2
1.0
3.0
1.6
1.2
Ω
Output Self-Limiting Current
Outputs Programmed ON, VOUT = 0.6 VDD
IOUT(LIM)
1.0
2.0
3.0
A
Output Fault Detect Threshold (20)
Output Programmed OFF
VOUTth(F)
2.5
3.0
3.5
V
Notes
16.
SPI inputs and outputs operational. Fault status reporting may not be fully operational within this voltage range. Outputs remain
operational somewhat below this VPWR range, but RDS(ON) will increase, causing power dissipation to increase. Outputs will re-
establish their instructed state following a VPWR interruption as long as VDD remains non-interrupted.
17.
This parameter is guaranteed by design, but it is not production tested.
18.
Measured with the RST pin held at a logic high state. Outputs can be OFF or ON or in any combination thereof.
19.
Device incorporates a power-ON reset function. For VDD less than the Undervoltage Lockout Threshold voltage, all data registers are
reset and all outputs are disabled.
20.
Output Fault Detect Threshold with outputs programmed OFF. Output fault detect thresholds are the same for output opens and shorts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com