Electronic Components Datasheet Search
  English  ▼

X  

33291 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33291
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAM
TIMING DIAGRAM
Figure 4. Input Timing Switch Characteristics
ELECTRICAL PERFORMANCE CURVES
Figure 5. Valid Data Delay Time and
Valid Time Test Circuit
Figure 6. Enable and Disable Time Test Circuit
VIH
VIL
Don't Care
0.2 VDD
0.7 VDD
tLAG
tR
tF
SI
tW(SCLKL)
tSI(HOLD)
tSI(SU)
Valid
tW(SCLKH
)
0.7 VDD
0.2 VDD
tLEAD
SCLK
0.2 VDD
0.2 VDD
tW(RST)
RST
CS
Don't Care
Don't Care
Valid
VIH
VIL
VIH
VIL
VIH
VIL
VDD = 5.0 V
SCLK
SO
CL = 200 pF
33291
Under
Test
CL represents the total capacitance of the test fixture and probe.
CS
SO
CL = 20 pF
33291
Under
Test
VDD = 5.0 V
VPull-Up = 2.5 V
RL = 1.0 kΩ
CL represents the total capacitance of the test fixture and probe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com