Electronic Components Datasheet Search
  English  ▼

X  

33781 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33781
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
is in the system. The Fuse Parity Error Bit is also included in
this register. The bit encoding is shown in Figure 35
Figure 35. Mask ID Register Bit Assignments
FPAR – Fuse Parity Error Bit
• 0 = No fuse parity error.
• 1 = There is a fuse parity error.
Some parameters in the device are trimmed by fuses.
Since these parameters can be impacted by the state of the
fuses, a fuse parity is calculated and stored during device
manufacturing. When the device is powered up, the current
fuse parity is checked against the stored parity. If they do not
match this bit is set. This bit is also set if the part is
untrimmed.
ID[6:0] – Mask ID number
The mask ID that identifies different versions or revisions
of the device.
Check Pattern and Negative Check Pattern
RegisteRS
These read-only registers are for checking whether there
is a stuck bus bit. These registers are read as a 3 byte burst
using a standard SPI burst frame The bit encoding is shown
in Figure 36 and Figure 37
Figure 36. Check Pattern Registers Bit Assignments
Figure 37. Negative Check Pattern Registers Bit Assignments
SPI Data Bit
Bit 7
6
5
4
3
2
1
0
Read Only
FPAR
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Reset
0
0
0
0
0
0
0
1
SPI Data Bit
Bit 7
6
5
4
3
2
1
0
Read
CKPTN23
CKPTN22
CKPTN21
CKPTN20
CKPTN19
CKPTN18
CKPTN17
CKPTN16
Reset
1
0
1
0
1
0
1
0
Read
CKPTN15
CKPTN14
CKPTN13
CKPTN12
CKPTN11
CKPTN10
CKPTN09
CKPTN08
Reset
0
1
0
1
0
1
0
1
Read
CKPTN07
CKPTN06
CKPTN05
CKPTN04
CKPTN03
CKPTN02
CKPTN01
CKPTN00
Reset
1
0
1
0
1
0
1
0
SPI Data Bit
Bit 7
6
5
4
3
2
1
0
Read
NCKPTN23 NCKPTN22 NCKPTN21 NCKPTN20 NCKPTN19 NCKPTN18 NCKPTN17 NCKPTN16
Reset
0
1
0
1
0
1
0
1
Read
NCKPTN15 NCKPTN14 NCKPTN13 NCKPTN12 NCKPTN11 NCKPTN10 NCKPTN09 NCKPTN08
Reset
1
0
1
0
1
0
1
0
Read
NCKPTN07 NCKPTN06 NCKPTN05 NCKPTN04 NCKPTN03 NCKPTN02 NCKPTN01 NCKPTN00
Reset
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com