Electronic Components Datasheet Search
  English  ▼

X  

33781 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33781
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75V
≤ VCC ≤ 5.25V, 9.0V ≤ VSUPn ≤ 25V,-40°C ≤ TA ≤ 90°C, unless otherwise
noted. Voltages relative to GND, unless otherwise noted. Typical values noted reflect the approximate mean values of the
parameter at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT REQUIREMENTS (VSUPn, VCC)
IVSUPT Supply Current (Test Mode, CLK = 4.0MHz)
High Z
Signal, Idle (Ibus = 0)
Signal, Idle (Ibus = 10mA on all channels, a total of 40mA)
IVSUPT
–
–
–
–
–
–
16
33
61
mA
IVCC Supply Current (CLK = 4.0MHz, RST = high)
Signal, Idle (Ibus = 0)
Signal, Idle (Ibus = 10mA on all channels, a total of 40mA)
IVCC
–
–
–
–
10.0
12.0
mA
VSUPn Low Detect Threshold
Vcc > 4.75V
VVSUPnLO
9.1
–
9.9
V
VSUPn Low Mask Time
Vcc > 4.75V
tMASK
20
–
25
μs
MICROCONTROLLER INTERFACE (RST, CSn, MOSI0, MISOn, SCLKn, and CLK)
I/O Logic Levels (RST, CSn, MOSI0, SCLKn, and CLK)
Input High Voltage
Input Low Voltage
Input Hysteresis(4)
VIH
VIL
VHYST
2.0
-0.3
0.1
-
-
-
VCC +0.3
1.0
0.5
V
Input Capacitance(4)
CSn, MOSI0, and SCLKn
RST and CLK
CI
–
–
–
–
10
20
pF
Output Low Voltage
MISOn Pin = 0.3mA
VOL
0
–
0.8
V
Output High Voltage
MISOn Pin = -0.3mA
VOH
VCC - 0.8
–
VCC
V
Output Leakage Current
MISOn Pin = 0V
MISOn Pin = VCC
IMISO
-10
-10
–
–
10
10
μA
SCLKn, CSn Pull-up Current
VOUT = VCC - 2.0 V
IPU
-50
-30
-10
μA
RST Pull-down Current
VOUT = 1.0V
IRSTPD
5.0
-
13
μA
CLK, MOSI0 Pull-down Current
VOUT = 1.0V
IPD
5.0
10
13
μA
Notes
4.
Not measured in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com