Electronic Components Datasheet Search
  English  ▼

X  

33781 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33781 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33781
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to GND unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltages
VSUPn
Load Dump VSUPn (300ms maximum - either pin)
VCC
VDD
VPP
VSUP1 and
VSUP2
VSUPLD
VCC
VDD
VPP
-0.3 to 26.5
40
-0.3 to 7.0
-0.3 to 3.1
-0.3 to 10.0
V
Maximum Voltage on Logic Input/Output Pins
–
-0.3 to VCC +0.3
V
Maximum Voltage on DBUS Pins
VDBUS
-0.3 to VSUPn + 0.3
V
Maximum DBUS Pin Current
IDBUS
400
mA
Maximum Logic Pin Current
ILOGIC
20
mA
ESD Voltage(1)
Human Body Model (HBM)
Machine Model (MM)
Charge Device Model (CDM)
Corner pins
All other pins
VESD
±2000
±200
±750
±500
V
THERMAL RATINGS
Storage Temperature
TSTG
-55 to 150
°C
Operating Ambient Temperature
TA
-40 to 90
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Thermal Shutdown (Bus Drivers and Pseudo Bus Switch)
TSD
155 to 190
°C
Resistance, Junction-to-Ambient
RθJA
71
°C/W
Resistance, Junction-to-Board
RθJB
6
°C/W
Soldering Reflow Temperature
TSOLDER
260
°C
Peak Package Reflow Temperature During Reflow(2),(3)
TPPRT
Note 3
°C
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100pF, RZAP = 1500Ω); ESD2 testing is performed
in accordance with the Machine Model (MM) (CZAP = 200pF, RZAP = 0Ω); and Charge Body Model (CBM).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com