Electronic Components Datasheet Search
  English  ▼

X  

33975 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33975 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33975
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions of 3.0V
≤ VDD ≤ 5.5V, 8.0V ≤ VPWR ≤ 28V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage
Supply Voltage Range Quasi-Functional(7)
Fully Operational
Supply Voltage Range Quasi-Functional(8)
VPWR(QF)
VPWR(FO)
VPWR(QF)
5.5
8.0
28
–
–
–
8.0
28
38/40
V
Supply Voltage
VPWR Supply Voltage Power On Reset
VPWR(POR)
4.2
4.6
5.0
V
Supply Current
All Switches Open, Normal Mode, Tri-State Disabled
IPWR(ON)
–
4.0
8.0
mA
Sleep State Supply Current
Scan Timer = 64ms, Switches Open
IPWR(SS)
40
70
100
μA
Logic Supply Voltage
VDD
3.0
–
5.5
V
Logic Supply Current
All Switches Open, Normal Mode
IDD
–
0.25
0.5
mA
Sleep State Logic Supply Current
Scan Timer = 64ms, Switches Open
IDD(SS)
–
10
20
μA
SWITCH INPUT
Pulse Wetting Current Switch-to-Battery (Current Sink)
5.5V
≤ VPWR ≤ 28V
IPULSE
12
15
18
mA
Pulse Wetting Current Switch-to-Ground (Current Source)
5.5V
≤ VPWR ≤ 8.0V
8.0V
≤ VPWR ≤ 28V
IPULSE
7.0
24
9.0
32
–
36
mA
Sustain Current Switch-to-Battery Input (Current Sink)
5.5V
≤ VPWR ≤ 28V
ISUSTAIN
1.8
2.1
2.4
mA
Sustain Current Switch-to-Ground Input (Current Source)
5.5V
≤ VPWR ≤ 8.0V
8.0V
≤ VPWR ≤ 28V
ISUSTAIN
0.5
3.6
1.0
4.0
–
4.4
mA
Sustain Current Matching Between Channels on Switch-to-Ground Inputs
IMATCH
–
2.0
5.0
%
Notes
7.
Device operational. Wetting and sustain currents are reduced. Operating the analog multiplexer below 8.0V is not recommended.
8.
Thermal considerations must be taken when operating the device above 28V.
ISUS(MAX) - ISUS(MIN)
ISUS(MIN)
X 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com