Electronic Components Datasheet Search
  English  ▼

X  

33975 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33975 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33975
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
POWER SUPPLY
The 33975 is designed to operate from 5.5V to 38/40V on
the VPWR pin. Characteristics are provided from 8.0V to 28V
for the device. Switch contact currents and the internal logic
supply are generated from the VPWR pin. The VDD supply
pin is used to set the SPI communication voltage levels,
current source for the SO driver, and pull-up current on INT
and CS.
VDD supply may be removed from the device to reduce
quiescent current. If VDD is removed while the device is in
Normal Mode, the device will remain in Normal Mode. If VDD
is removed in Sleep Mode, the device will remain in Sleep
Mode until a wake-up input is received (WAKE high to low,
switch input or interrupt timer expires).
Removing VDD from the device disables SPI
communication and will not allow the device to wake up from
the INT and CS pins.
POWER-ON RESET (POR)
Applying VPWR to the device will cause a Power-ON
Reset and place the device in Normal Mode.
Default settings from Power-ON Reset via a VPWR or
Reset Command are as follows:
• Programmable switch – Set to switch-to-battery
• All inputs set as wake-up
• Wetting current on (16mA pull-down, 32mA pull-up)
• Wetting current timer on (20ms)
• All inputs tri-state
• Analog select 00000 (no input channel selected)
Note The 33975 device provides indication that a reset
has occurred by placing a logic [1] in bit 22 of the SO buffer.
The reset bit is cleared on rising edge of CS.
OPERATIONAL MODES
The 33975 has two operating modes, Normal Mode and
Sleep Mode. A discussion on Normal Mode begins below. A
discussion on Sleep Mode begins on page 22.
NORMAL MODE
Normal Mode may be entered by the following events:
• Application of VPWR to the IC
• Change-of-switch state (when enabled)
• Falling edge of WAKE
• Falling edge of INT (with VDD = 5.0V and WAKE at
Logic [1])
• Falling edge of CS (with VDD = 5.0V)
• Interrupt timer expires
Only in Normal Mode with VDD applied can the registers
of the 33975 be programmed through the SPI.
The registers that may be programmed in Normal Mode
are listed below. Further explanation of each register is
provided in subsequent paragraphs.
• Programmable Switch Register (Settings Command)
• Wake-up/Interrupt Register (Wake-up/Interrupt
Command)
• Wetting Current Register (Metallic Command)
• Wetting Current Timer Register (Wetting Current Timer
Enable Command)
• Tri-state Register (Tri-state Command)
• Analog Select Register (Analog Command)
• Calibration of Timers (Calibration Command)
• Reset (Reset Command)
Figure 6, page 11, is a graphical description of the device
operation in Normal Mode. Switch states are latched into the
input register on the falling edge of CS. The INT to the MCU
is cleared on the rising edge of CS. However, INT will not
clear on the rising edge of CS if a switch has closed during
SPI communication (CS low). This prevents switch states
from being missed by the MCU.
PROGRAMMABLE SWITCH REGISTER
Inputs SP0 to SP7 may be programmable for switch-to-
battery or switch-to-ground. These inputs types are defined
using the settings command (refer to Table 6). To set an SPn
input for switch-to-battery, a logic [1] for the appropriate bit
must be set. To set an SPn input for switch-to-ground, a
logic [0] for the appropriate bit must be set. The MCU may
change or update the Programmable Switch Register via
software at any time in Normal Mode. Regardless of the
setting, when the SPn input switch is closed a logic [1] will be
placed in the Serial Output Response Register (refer to
Table 17, page 21).
Table 6. Settings Command
Settings Command
Not used
Battery/Ground Select
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
1
X
X
X
X
X
X
X
X
sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com