Electronic Components Datasheet Search
  English  ▼

X  

33975 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33975
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33975 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33975 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33975
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Table 12. Analog Channel
Bits 43210
Analog Channel Select
00000
No Input Selected
00001
SG0
00010
SG1
00011
SG2
00100
SG3
00101
SG4
00110
SG5
00111
SG6
01000
SG7
01001
SG8
01010
SG9
01011
SG10
01100
SG11
01101
SG12
01110
SG13
01111
SP0
10000
SP1
10001
SP2
10010
SP3
10011
SP4
10100
SP5
10101
SP6
10110
SP7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com