Electronic Components Datasheet Search
  English  ▼

X  

34727 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34727
Description  600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34727 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34727 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
MC34727
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. MC34727 Pin Connections
Table 2. MC34727 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
VIN
Input
Supply Voltage Input
Power input
2
GND
Ground
Ground
Ground
3
GND
Ground
Ground
Low noise ground
4
EN
Input
Enable
Active high enable input
5
FB
Input
Feedback Input
Feedback of the output voltage
6
NC
N/A
No Connection
Internally not connected. Connect to GND externally
7
SW
Output
Switching Node
This terminal connects to the output inductor
8
SW
Output
Switching Node
This terminal connects to the output inductor
VIN
GND
GND
EN
FB
NC
SW
SW
2x2 UDFN-8 (Non EP)
1
2
3
45
6
7
8
Transparent
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com