Electronic Components Datasheet Search
  English  ▼

X  

34727 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34727
Description  600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34727 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34727 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
MC34727
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 4. Efficiency vs. Load Current
VIN = 3.6V, VOUT = 1.2V, TA=25oC
Figure 5. Line Regulation
VIN is 2.7V to 5.5V and VOUT is 1.2V
Figure 6. Load Regulation
1.0mA < ILOAD < 600mA, VOUT = 1.2V
Figure 7. Start-up Response
ILOAD = 0mA, VOUT=1.2V
Figure 8. Sleepy Z-mode Switching Waveforms
VIN = 3.6V, VOUT = 1.2V and ILOAD = 1.0mA
Figure 9. Z-mode Switching Waveforms
VIN = 3.6V, VOUT = 1.2V and ILOAD = 10mA
0.1
1
10
100
1000
0
20
40
60
80
100
I
LOAD (mA)
V
IN=2.7V
V
IN=3.6V
V
IN=5.5V
345
-1.2
-0.8
-0.4
0.0
0.4
V
IN (V)
I
LOAD=0mA
I
LOAD=100mA
I
LOAD=600mA
0.0
0.2
0.4
0.6
-4
-3
-2
-1
0
1
I
LOAD (A)
V
IN=2.7V
V
IN=3.6V
V
IN=5.5V
VEN (10V/DIV)
VOUT (200mV/DIV)
IL (200mA/DIV)
Time: 500
µs/DIV
VSW (2V/DIV)
VOUT (1V/DIV)
IL (100mA/DIV)
Time: 100
µs/DIV
VSW (2V/DIV)
VOUT (1V/DIV)
IL (100mA/DIV)
Time: 2
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com