Electronic Components Datasheet Search
  English  ▼

X  

34727 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34727
Description  600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34727 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34727 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34727 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
MC34727
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions; 2.7V
≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 3.3V, -25oC ≤ TA ≤ 85oC, CIN = COUT = 4.7µF,
L1 = 4.7
µH(See Figure 1), unless otherwise noted. The typical specifications are measured at the following conditions;
TA = +25oC, VIN = 3.6V, fSW = 2.0MHz with the typical operating circuit (See Figure 1), unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Switching Frequency(7)
fSW
1.8
2.0
2.2
MHz
Maximum Duty Cycle(8)
Measured from SW pin
DMAX
95
-
100
%
Internal Soft-start Timer
VOUT Rise Time
tS
-
2.0
-
ms
Notes
7.
fSW can be factory programmed to ±20% of nominal 2.0MHz.
8.
The maximum duty limits the range of output voltages achievable for a given input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com